công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TD352ID bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện TD352ID
Giải thích chi tiết về linh kiện  Advanced IGBT/MOSFET Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD352ID bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  TD352ID Datasheet HTML 1Page - STMicroelectronics TD352ID Datasheet HTML 2Page - STMicroelectronics TD352ID Datasheet HTML 3Page - STMicroelectronics TD352ID Datasheet HTML 4Page - STMicroelectronics TD352ID Datasheet HTML 5Page - STMicroelectronics TD352ID Datasheet HTML 6Page - STMicroelectronics TD352ID Datasheet HTML 7Page - STMicroelectronics TD352ID Datasheet HTML 8Page - STMicroelectronics TD352ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
December 2004
Revision 1
1/13
■ 1A sink / 0.75A source min. gate drive
■ Active Miller clamp feature
■ Desaturation detection
■ Adjustable and accurate turn-on delay
■ UVLO protection
■ 2kV ESD protection
Description
TD352 is an advanced gate driver for IGBT and
power MOSFET. Control and protection functions
are included and allow the design of high reliability
systems.
Innovative active Miller clamp function avoids the
need of negative gate drive in most applications
and allows the use of a simple bootstrap supply
for the high side driver.
TD352 includes an adjustable turn-on delay. This
feature can be
used to implement reliable
deadtime between high and low sides of a half
bridge. External resistor and capacitor are used to
provide accurate timing.
Applications
■ 1200V 3-phase inverter
■ Motor control systems
■ UPS
Pin Connections (top view)
Order Codes
D
SO-8
(Plastic Micropackage)
N
DIP-8
(Plastic Package)
VREF
VH
IN
TD352
CD
VL
OUT
CLAMP
DESAT
Part Number
Temperature Range
Package
Packaging
Marking
TD352IN
-40°C, +125°C
DIP
Tube
TD352I
TD352ID
SO
TD352I
TD352IDT
Tape & Reel
TD352I
TD352
Advanced IGBT/MOSFET Driver


Số phần tương tự - TD352ID

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TD352 STMICROELECTRONICS-TD352_11 Datasheet
241Kb / 18P
   Advanced IGBT/MOSFET driver
More results

Mô tả tương tự - TD352ID

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TD350E STMICROELECTRONICS-TD350E Datasheet
258Kb / 17P
   Advanced IGBT/MOSFET driver
TD351 STMICROELECTRONICS-TD351_11 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
TD35 STMICROELECTRONICS-TD35 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
June 2011 Rev 2
TD350 STMICROELECTRONICS-TD350_10 Datasheet
234Kb / 17P
   Advanced IGBT/MOSFET driver
TD352 STMICROELECTRONICS-TD352_11 Datasheet
241Kb / 18P
   Advanced IGBT/MOSFET driver
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
   Advanced IGBT/MOSFET Driver
TD351 STMICROELECTRONICS-TD351 Datasheet
157Kb / 12P
   Advanced IGBT/MOSFET Driver
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
   Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
   Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
logo
Mitsubishi Electric Sem...
M63975FP MITSUBISHI-M63975FP Datasheet
47Kb / 5P
   IGBT MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13