công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STD95NH02LT4 bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện STD95NH02LT4
Giải thích chi tiết về linh kiện  N-CHANNEL 24V - 0.0039ohm - 80A DPAK ULTRA LOW GATE CHARGE STripFET MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD95NH02LT4 bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  STD95NH02LT4 Datasheet HTML 1Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 2Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 3Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 4Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 5Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 6Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 7Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 8Page - STMicroelectronics STD95NH02LT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STD95NH02L
2/11
Table 3: Absolute Maximum ratings
(1) Garanted when external Rg = 4.7 Ω and tf < tf max.
(2) Pulse width limited by safe operating area.
(3) Starting Tj = 25°C, ID = 40A, VDD = 22V
(*) Value limited by wires
Table 4: Thermal Data
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 5: On/Off
Symbol
Parameter
Value
Unit
Vspike(1)
Drain-source Voltage Rating
30
V
VDS
Drain-source Voltage (VGS = 0)
24
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
24
V
VGS
Gate- source Voltage
± 20
V
ID (*)
Drain Current (continuous) at TC = 25°C
80
A
ID
Drain Current (continuous) at TC = 100°C
68
A
IDM (2)
Drain Current (pulsed)
320
A
PTOT
Total Dissipation at TC = 25°C
100
W
Derating Factor
0.67
W/°C
EAS (3)
Single Pulse Avalanche Energy
600
mJ
Tstg
Storage Temperature
-55 to 175
°C
Tj
Max. Operating Junction Temperature
Rthj-case
Thermal Resistance Junction-case Max
1.5
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
100
°C/W
Tl
Maximum Lead Temperature For Soldering
Purpose
275
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
24
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating, TC = 125 °C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 20V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250µA
1
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10 V, ID = 40 A
VGS = 5 V, ID =40 A
0.0039
0.0055
0.005
0.009


Số phần tương tự - STD95NH02LT4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STD95NH02LT4 STMICROELECTRONICS-STD95NH02LT4 Datasheet
463Kb / 15P
   N-channel 24V - 0.005239ohm - 80A - DPAK Ultra low gate charge STripFET TM Power MOSFET
logo
VBsemi Electronics Co.,...
STD95NH02LT4 VBSEMI-STD95NH02LT4 Datasheet
903Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
More results

Mô tả tương tự - STD95NH02LT4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STD95NH02L STMICROELECTRONICS-STD95NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.005239ohm - 80A - DPAK Ultra low gate charge STripFET TM Power MOSFET
STD95NH02L-1 STMICROELECTRONICS-STD95NH02L-1 Datasheet
343Kb / 16P
   N-channel 24V - 0.0039廓 - 80A - DPAK - IPAK Ultra low gate charge STripFET??Power MOSFET
STD55NH2LL STMICROELECTRONICS-STD55NH2LL Datasheet
655Kb / 12P
   N-CHANNEL 24V - 0.010ohm - 40A DPAK/IPAK ULTRA LOW GATE CHARGE STripFET POWER MOSFET
STD55NH2LL STMICROELECTRONICS-STD55NH2LL_06 Datasheet
505Kb / 16P
   N-channel 24V - 0.010ohm - 40A - DPAK/IPAK Ultra low gate charge STripFET TM Power MOSFET
STD110NH02L STMICROELECTRONICS-STD110NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.0044ohm - 80A - DPAK STripFET TM III Power MOSFET
STD110NH02L STMICROELECTRONICS-STD110NH02L Datasheet
498Kb / 11P
   N-CHANNEL 24V - 0.0044 ohm - 80A DPAK STripFET??III POWER MOSFET
STD25NF10 STMICROELECTRONICS-STD25NF10 Datasheet
437Kb / 9P
   N-CHANNEL 100V - 0.033ohm - 25A DPAK LOW GATE CHARGE STripFET??POWER MOSFET
STW80NF10 STMICROELECTRONICS-STW80NF10 Datasheet
251Kb / 8P
   N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFET??POWER MOSFET
STD15NF10 STMICROELECTRONICS-STD15NF10 Datasheet
412Kb / 13P
   N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
STD40NF02L STMICROELECTRONICS-STD40NF02L Datasheet
47Kb / 6P
   N-CHANNEL 20V - 0.01 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com