công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33797 bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện MC33797
Giải thích chi tiết về linh kiện  Four Channel Squib Driver IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33797 bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC33797 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33797 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33797
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 4.75 V VDD 5.25 V; 7.0 V VVFIRE_XX 35 V; VVDIAG_X = VVFIRE_XX; FEN 1 = FEN 2
= VDD; RR_LIMIT_X =10kΩ ±1%, RR_DIAG = 10 kΩ ±1%, -40°C TA +85°C, GND = 0 unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
INPUT VOLTAGE (VDD)
Input Voltage
VDD
4.57
5.0
5.25
V
FET DRIVERS
Leakage Current at Minimum High Side Driver Breakdown Voltage
IDHSD
–39
100
µA
Leakage Current at Minimum Low Side Driver Breakdown Voltage
IDLSD
–65
100
µA
High-Side Driver Current Limit Range Set via Rlimit Resistor with Low
Battery Condition
tON ≤ 4.0 ms, RR_LIMIT_X = 10 kΩ, 5.0 V ≤ VVFIRE ≤ 7.0 V, RSQUIB =
2.0
IHS(LBAT)
1.09
1.4
2.9
A
High-Side Driver Low Current Limit Range Set via Rlimit Resistor
tON ≤ 2.6 ms, RR_LIMIT_X = RL=4.32 kΩ, 7.0 V ≤ VVFIRE ≤ 35 V
IHS(LOSET)
0.81
0.93
1.03
A
High-Side Driver Nominal Current Limit Range Set via Rlimit Resistor
tON ≤ 2.6 ms, RR_LIMIT_X = RL=10 kΩ, 7.0 V ≤ VVFIRE ≤ 35 V
IHS(NOM)
1.21
1.4
1.54
A
High-Side Driver High Current Limit Range Set via Rlimit Resistor
tON ≤ 0.8 ms, RR_LIMIT_X = RL=45.3 kΩ, 7.0 V ≤ VVFIRE ≤ 35 V
IHS(HISET)
1.76
2.0
2.24
A
Low-Side Drivers Current Limit
7.0 V
= SQLO < 16 V
SQLO = 16 V
ILS
2.1
2.24
2.47
2.65
3.0
3.14
A
High-Side Driver Current Limit Detect Threshold (8)
7.0 V
≤ VVFIRE ≤ 35 V
IMEAS
IHS x0.85
IHS x1.0
A
Driver ON Resistance (per FET)
VVFIRE = 5.0 V, ILOAD = 0.5 A
RDS(ON)
––
1.0
VDD Operating Current
Standby (Diagnostics off, SPI “OFF”)
No Fire—Worst Case Diagnostics ($83/$2F Command Active)
Firing (with All FET Drivers “ON”)
IDD
2.0
15
4.3
5.0
17.5
6.0
mA
VFIRE Quiescent Current (9)
With Diagnostics Off
IRRE
22
34
55
µA
VDIAG Current During Squib Diagnostics
With Squib Resistance Diagnostics Active
IRRE
32
37
43
mA
VFIRE Operating Current During Firing
Excluding Firing Current, IHS = 2.0 A
IRRE
–1.8
10
mA
VDIAG Operating Current During Firing
Per VDIAG terminal, excluding Firing Current, IHS = 2.0 A
IRRE
140
200
µA
Notes
8.
Guaranteed by design
9.
VFIRE quiescent current includes any leakage current through squib.


Số phần tương tự - MC33797

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33797EK FREESCALE-MC33797EK Datasheet
905Kb / 34P
   Four Channel Squib Driver IC
MC33797EKR2 FREESCALE-MC33797EKR2 Datasheet
905Kb / 34P
   Four Channel Squib Driver IC
More results

Mô tả tương tự - MC33797

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33797 FREESCALE-33797 Datasheet
905Kb / 34P
   Four Channel Squib Driver IC
33797 FREESCALE-33797_11 Datasheet
1Mb / 35P
   Four Channel Squib Driver IC
logo
Infineon Technologies A...
TLE92464ED INFINEON-TLE92464ED Datasheet
4Mb / 117P
   Four channel low-side solenoid driver IC
Rev. 1.1 2020-11-20
logo
Toshiba Semiconductor
TPD2004F TOSHIBA-TPD2004F_07 Datasheet
288Kb / 10P
   2-channel Squib Driver for Air Bags
logo
Texas Instruments
TPIC71002-Q1 TI1-TPIC71002-Q1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
   Four Channel Supervisory IC
ISL6536 INTERSIL-ISL6536 Datasheet
160Kb / 6P
   Four Channel Supervisory IC
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
   Four Channel Supervisory IC
logo
Sanyo Semicon Device
LA6541NH SANYO-LA6541NH Datasheet
91Kb / 9P
   For CD Players and Recorders Four-Channel Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com