công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LC1D09X7 bảng dữ liệu(PDF) 3 Page - Schneider Electric |
|
LC1D09X7 bảng dữ liệu(HTML) 3 Page - Schneider Electric |
3 / 4 page Mechanical durability 15 Mcycles Maximum operating rate 3600 cyc/h 60 °C Complementary Coil technology Without built-in suppressor module Control circuit voltage limits 0.3...0.6 Uc (-40…70 °C):drop-out AC 50/60 Hz 0.8...1.1 Uc (-40…60 °C):operational AC 50 Hz 0.85...1.1 Uc (-40…60 °C):operational AC 60 Hz 1...1.1 Uc (60…70 °C):operational AC 50/60 Hz Inrush power in VA 70 VA 60 Hz cos phi 0.75 (at 20 °C) 70 VA 50 Hz cos phi 0.75 (at 20 °C) Hold-in power consumption in VA 7.5 VA 60 Hz cos phi 0.3 (at 20 °C) 7 VA 50 Hz cos phi 0.3 (at 20 °C) Heat dissipation 2…3 W at 50/60 Hz Auxiliary contacts type type mechanically linked 1 NO + 1 NC conforming to IEC 60947-5-1 type mirror contact 1 NC conforming to IEC 60947-4-1 Signalling circuit frequency 25...400 Hz Minimum switching current 5 mA for signalling circuit Minimum switching voltage 17 V for signalling circuit Non-overlap time 1.5 ms on de-energisation between NC and NO contact 1.5 ms on energisation between NC and NO contact Insulation resistance > 10 MOhm for signalling circuit Contact compatibility M2 Compatibility code LC1D Motor power range 0…0.5 kW 100…120 V 3 phase 0.55…1 kW 100…120 V 3 phase 0…0.5 kW 200…240 V 3 phase 0.55…1 kW 200…240 V 3 phase 1.1…2 kW 200…240 V 3 phase 0…0.5 kW 380…440 V 3 phase 0.55…1 kW 380…440 V 3 phase 1.1…2 kW 380…440 V 3 phase 2.2…3 kW 380…440 V 3 phase 4…6 kW 380…440 V 3 phase 0…0.5 kW 480…500 V 3 phase 0.55…1 kW 480…500 V 3 phase 1.1…2 kW 480…500 V 3 phase 2.2…3 kW 480…500 V 3 phase 4…6 kW 480…500 V 3 phase 0…0.5 kW 525…690 V 3 phase 0.55…1 kW 525…690 V 3 phase 1.1…2 kW 525…690 V 3 phase 2.2…3 kW 525…690 V 3 phase 4…6 kW 525…690 V 3 phase Motor starter type Direct on-line contactor Environment IP degree of protection IP20 front face conforming to IEC 60529 Protective treatment TH conforming to IEC 60068-2-30 Pollution degree 3 Ambient air temperature for operation -40…60 °C 60…70 °C with derating Ambient air temperature for storage -76…176 °F (-60…80 °C) Operating altitude 0...3000 m Fire resistance 850 °C conforming to IEC 60695-2-1 Flame retardance V1 conforming to UL 94 Mechanical robustness Vibrations contactor open: 2 Gn, 5...300 Hz Vibrations contactor closed: 4 Gn, 5...300 Hz Shocks contactor open: 10 Gn for 11 ms Shocks contactor closed: 15 Gn for 11 ms Height 3.03 in (77 mm) 3 |
Số phần tương tự - LC1D09X7 |
|
Mô tả tương tự - LC1D09X7 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |