công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC1D09LE7 bảng dữ liệu(PDF) 3 Page - Schneider Electric

tên linh kiện LC1D09LE7
Giải thích chi tiết về linh kiện  TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 208 VAC 60 Hz coil
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SCHNEIDER [Schneider Electric]
Trang chủ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D09LE7 bảng dữ liệu(HTML) 3 Page - Schneider Electric

  LC1D09LE7 Datasheet HTML 1Page - Schneider Electric LC1D09LE7 Datasheet HTML 2Page - Schneider Electric LC1D09LE7 Datasheet HTML 3Page - Schneider Electric LC1D09LE7 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Mechanical durability
15 Mcycles
Maximum operating rate
3600 cyc/h 60 °C
Complementary
Coil technology
Without built-in suppressor module
Control circuit voltage limits
0.3...0.6 Uc (-40…70 °C):drop-out AC 50/60 Hz
0.8...1.1 Uc (-40…60 °C):operational AC 50 Hz
0.85...1.1 Uc (-40…60 °C):operational AC 60 Hz
1...1.1 Uc (60…70 °C):operational AC 50/60 Hz
Inrush power in VA
70 VA 60 Hz cos phi 0.75 (at 20 °C)
70 VA 50 Hz cos phi 0.75 (at 20 °C)
Hold-in power consumption in VA
7.5 VA 60 Hz cos phi 0.3 (at 20 °C)
7 VA 50 Hz cos phi 0.3 (at 20 °C)
Heat dissipation
2…3 W at 50/60 Hz
Auxiliary contacts type
type mechanically linked 1 NO + 1 NC conforming to IEC 60947-5-1
type mirror contact 1 NC conforming to IEC 60947-4-1
Signalling circuit frequency
25...400 Hz
Minimum switching current
5 mA for signalling circuit
Minimum switching voltage
17 V for signalling circuit
Non-overlap time
1.5 ms on de-energisation between NC and NO contact
1.5 ms on energisation between NC and NO contact
Insulation resistance
> 10 MOhm for signalling circuit
Contact compatibility
M2
Compatibility code
LC1D
Environment
IP degree of protection
IP20 front face conforming to IEC 60529
Protective treatment
TH conforming to IEC 60068-2-30
Pollution degree
3
Ambient air temperature for operation
-40…60 °C
60…70 °C with derating
Ambient air temperature for storage
-76…176 °F (-60…80 °C)
Operating altitude
0...3000 m
Fire resistance
850 °C conforming to IEC 60695-2-1
Flame retardance
V1 conforming to UL 94
Mechanical robustness
Vibrations contactor open: 2 Gn, 5...300 Hz
Vibrations contactor closed: 4 Gn, 5...300 Hz
Shocks contactor open: 10 Gn for 11 ms
Shocks contactor closed: 15 Gn for 11 ms
Height
3.03 in (77 mm)
Width
1.77 in (45 mm)
Depth
3.39 in (86 mm)
Net Weight
0.71 lb(US) (0.32 kg)
Ordering and shipping details
Category
22354 - CTR,TESYS D,OPEN,9-38A AC
Discount Schedule
I12
GTIN
00785901475026
Nbr. of units in pkg.
1
Package weight(Lbs)
0.78 lb(US) (0.35 kg)
Returnability
Yes
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
3


Số phần tương tự - LC1D09LE7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schneider Electric
LC1D09L7 SCHNEIDER-LC1D09L7 Datasheet
142Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 200 V AC coil
More results

Mô tả tương tự - LC1D09LE7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schneider Electric
LC1D09T7 SCHNEIDER-LC1D09T7 Datasheet
112Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 480 VAC 50/60 Hz coil
LC1D09FC7 SCHNEIDER-LC1D09FC7 Datasheet
142Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 127 VAC 50/60 Hz coil
LC1D09R7 SCHNEIDER-LC1D09R7 Datasheet
143Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 440 VAC 50/60 Hz coil
LC1D09U7 SCHNEIDER-LC1D09U7 Datasheet
112Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 240 VAC 50/60 Hz coil
LC1D09FE7 SCHNEIDER-LC1D09FE7 Datasheet
143Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 115 VAC 50/60 Hz coil
LC1D09K7 SCHNEIDER-LC1D09K7 Datasheet
142Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 100 VAC 50/60 Hz coil
LC1D09Q7 SCHNEIDER-LC1D09Q7 Datasheet
142Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 380 VAC 50/60 Hz coil
LC1D09W7 SCHNEIDER-LC1D09W7 Datasheet
142Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 277 VAC 50/60 Hz coil
LC1D09Y7 SCHNEIDER-LC1D09Y7 Datasheet
142Kb / 4P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 690 VAC 50/60 Hz coil
LC1D09G7 SCHNEIDER-LC1D09G7 Datasheet
168Kb / 5P
   TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 120 VAC 50/60 Hz coil
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com