công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7822UG4 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện ADS7822UG4
Giải thích chi tiết về linh kiện  12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS7822UG4 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS7822UG4 Datasheet HTML 1Page - Texas Instruments ADS7822UG4 Datasheet HTML 2Page - Texas Instruments ADS7822UG4 Datasheet HTML 3Page - Texas Instruments ADS7822UG4 Datasheet HTML 4Page - Texas Instruments ADS7822UG4 Datasheet HTML 5Page - Texas Instruments ADS7822UG4 Datasheet HTML 6Page - Texas Instruments ADS7822UG4 Datasheet HTML 7Page - Texas Instruments ADS7822UG4 Datasheet HTML 8Page - Texas Instruments ADS7822UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADS7822
4
SBAS062A
www.ti.com
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Texas
Instruments recommends that all integrated circuits be handled
and stored using appropriate ESD protection methods.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet
published specifications.
ABSOLUTE MAXIMUM RATINGS(1)
V
CC ....................................................................................................... +6V
Analog Input .............................................................. –0.3V to (V
CC + 0.3V)
Logic Input ............................................................................... –0.3V to 6V
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +125
°C
External Reference Voltage .............................................................. +5.5V
NOTE: (1) Stresses above these ratings may permanently damage the device.
PIN
NAME
DESCRIPTION
1VREF
Reference Input.
2
+In
Non Inverting Input.
3
–In
Inverting Input. Connect to ground or to remote ground sense point.
4
GND
Ground.
5
CS/SHDN
Chip Select when LOW, Shutdown Mode when HIGH.
6DOUT
The serial output data word is comprised of 12 bits of data. In operation the data is valid on the falling edge of DCLOCK. The
second clock pulse after the falling edge of CS enables the serial output. After one null bit the data is valid for the next 12 edges.
7
DCLOCK
Data Clock synchronizes the serial data transfer and determines conversion speed.
8+VCC
Power Supply.
PIN CONFIGURATION
PIN ASSIGNMENTS
1
2
3
4
8
7
6
5
+V
CC
DCLOCK
D
OUT
CS/SHDN
V
REF
+In
–In
GND
ADS7822
PACKAGE/ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
INTEGRAL
DIFFERENTIAL
LINEARITY
LINEARITY
SPECIFICATION
ERROR
ERROR
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
PACKAGE
DESIGNATOR
RANGE
MARKING(2)
NUMBER(3)
MEDIA
ADS7822E
±2
±2
MSOP-8
DGK
–40
°C to +85°C
A22
ADS7822E/250
Tape and Reel
ADS7822E
""
"
"
""
ADS7822E/2K5
"
ADS7822EB
±1
±1
MSOP-8
DGK
–40
°C to +85°C
A22
ADS7822EB/250
Tape and Reel
ADS7822EB
""
"
"
""
ADS7822EB/2K5
"
ADS7822EC
±0.75
±0.75
MSOP-8
DGK
–40
°C to +85°C
A22
ADS7822EC/250
Tape and Reel
ADS7822EC
""
"
"
""
ADS7822EC/2K5
"
ADS7822P
±2
±2
Plastic DIP-8
P
–40
°C to +85°C
ADS7822P
ADS7822P
Rails
ADS7822PB
±1
±1
Plastic DIP-8
P
–40
°C to +85°C
ADS7822PB
ADS7822PB
Rails
ADS7822PC
±0.75
±0.75
Plastic DIP-8
P
–40
°C to +85°C
ADS7822PC
ADS7822PC
Rails
ADS7822U
±2
±2
SOIC-8
D
–40
°C to +85°C
ADS7822U
ADS7822U
Rails
ADS7822U
""
"
"
""
ADS7822U/2K5
Tape and Reel
ADS7822UB
±1
±1
SOIC-8
D
–40
°C to +85°C
ADS7822UB
ADS7822UB
Rails
ADS7822UB
""
"
"
""
ADS7822UB/2K5
Tape and Reel
ADS7822UC
±0.75
±0.75
SOIC-8
D
–40
°C to +85°C
ADS7822UC
ADS7822UC
Rails
ADS7822UC
""
"
"
""
ADS7822UC/2K5
Tape and Reel
NOTES: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at
www.ti.com.
(2) Performance Grade information is marked on the reel.
(3) Models with a slash(/) are available only in tape and reel in quantities indicated (e.g. /250 indicates 250 units per reel, /2K5 indicates 2500
devices per reel). Ordering 2500 pieces of ”ADS7822E/2K5“ will get a single 2500-piece tape and reel.
Top View
DIP, MSOP, SO


Số phần tương tự - ADS7822UG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7822UG4 TI1-ADS7822UG4 Datasheet
1Mb / 28P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7822UG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com