công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7822UB bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS7822UB
Giải thích chi tiết về linh kiện  12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS7822UB bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS7822UB Datasheet HTML 7Page - Texas Instruments ADS7822UB Datasheet HTML 8Page - Texas Instruments ADS7822UB Datasheet HTML 9Page - Texas Instruments ADS7822UB Datasheet HTML 10Page - Texas Instruments ADS7822UB Datasheet HTML 11Page - Texas Instruments ADS7822UB Datasheet HTML 12Page - Texas Instruments ADS7822UB Datasheet HTML 13Page - Texas Instruments ADS7822UB Datasheet HTML 14Page - Texas Instruments ADS7822UB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADS7822
11
SBAS062A
www.ti.com
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tSMPL
Analog Input Sample Time
1.5
2.0
Clk Cycles
tCONV
Conversion Time
12
Clk Cycles
tCYC
Throughput Rate
75
kHz
tCSD
CS Falling to
0
ns
DCLOCK LOW
tSUCS
CS Falling to
30
ns
DCLOCK Rising
thDO
DCLOCK Falling to
15
ns
Current DOUT Not Valid
tdDO
DCLOCK Falling to Next
130
200
ns
DOUT Valid
tdis
CS Rising to DOUT Tri-State
40
80
ns
ten
DCLOCK Falling to DOUT
75
175
ns
Enabled
tf
DOUT Fall Time
90
200
ns
tr
DOUT Rise Time
110
200
ns
periods, DOUT will output the conversion result, most signifi-
cant bit first. After the least significant bit (B0) has been
output, subsequent clocks will repeat the output data but in a
least significant bit first format.
After the most significant bit (B11) has been repeated, DOUT
will tri-state. Subsequent clocks will have no effect on the
converter. A new conversion is initiated only when CS has
been taken HIGH and returned LOW.
DATA FORMAT
The output data from the ADS7822 is in straight binary
format as shown in Table II. This table represents the ideal
output code for the given input voltage and does not include
the effects of offset, gain error, or noise.
FIGURE 2. Timing Diagrams and Test Circuits for the Parameters in Table I.
TABLE I. Timing Specifications (VCC = 2.7V and above,
–40
°C to +85°C.
A falling CS signal initiates the conversion and data transfer.
The first 1.5 to 2.0 clock periods of the conversion cycle are
used to sample the input signal. After the second falling
DCLOCK edge, DOUT is enabled and will output a LOW
value for one clock period. For the next 12 DCLOCK
DESCRIPTION
ANALOG VALUE
Full Scale Range
VREF
Least Significant
VREF/4096
Bit (LSB)
BINARY CODE
HEX CODE
Full Scale
VREF –1 LSB
1111 1111 1111
FFF
Midscale
VREF/2
1000 0000 0000
800
Midscale – 1 LSB
VREF/2 – 1 LSB
0111 1111 1111
7FF
Zero
0V
0000 0000 0000
000
DIGITAL OUTPUT
STRAIGHT BINARY
TABLE II. Ideal Input Voltages and Output Codes.
D
OUT
1.4V
Test Point
3k
100pF
C
LOAD
Load Circuit for t
dDO, tr, and tf
Voltage Waveforms for D
OUT Rise and Fall Times, tr, tf
Voltage Waveforms for D
OUT Delay Times, tdDO
Voltage Waveforms for t
dis
NOTES: (1) Waveform 1 is for an output with internal conditions such that the output
is HIGH unless disabled by the output control. (2) Waveform 2 is for an output with
internal conditions such that the output is LOW unless disabled by the output control.
Voltage Waveforms for t
en
Load Circuit for t
dis and ten
t
r
D
OUT
V
OH
V
OL
t
f
D
OUT
Test Point
t
dis Waveform 2, ten
V
CC
t
dis Waveform 1
100pF
C
LOAD
3k
t
dis
CS/SHDN
DOUT
Waveform 1(1)
DOUT
Waveform 2(2)
90%
10%
V
IH
1
B11
2
t
en
CS/SHDN
DCLOCK
V
OL
D
OUT
t
dDO
D
OUT
DCLOCK
V
OH
V
OL
V
IL
t
hDO


Số phần tương tự - ADS7822UB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7822UB TI1-ADS7822UB Datasheet
1Mb / 28P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7822UB/2K5 TI1-ADS7822UB/2K5 Datasheet
1Mb / 28P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7822UB/2K5G4 TI1-ADS7822UB/2K5G4 Datasheet
1Mb / 28P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7822UBG4 TI1-ADS7822UBG4 Datasheet
1Mb / 28P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7822UB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com