công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS7822EC bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
ADS7822EC bảng dữ liệu(HTML) 10 Page - Texas Instruments |
10 / 20 page ADS7822 10 SBAS062A www.ti.com REFERENCE INPUT The external reference sets the analog input range. The ADS7822 will operate with a reference in the range of 50mV to VCC. There are several important implications of this. As the reference voltage is reduced, the analog voltage weight of each digital output code is reduced. This is often referred to as the LSB (least significant bit) size and is equal to the reference voltage divided by 4096. This means that any offset or gain error inherent in the A/D converter will appear to increase, in terms of LSB size, as the reference voltage is reduced. The noise inherent in the converter will also appear to increase with lower LSB size. With a 2.5V reference, the internal noise of the converter typically contributes only 0.32 LSB peak-to-peak of potential error to the output code. When the external reference is 50mV, the potential error contribu- tion from the internal noise will be 50 times larger—16 LSBs. The errors due to the internal noise are gaussian in nature and can be reduced by averaging consecutive conver- sion results. For more information regarding noise, consult the typical performance curves “Effective Number of Bits vs Reference Voltage” and “Peak-to-Peak Noise vs Reference Voltage.” Note that the effective number of bits (ENOB) figure is calculated based on the converter’s signal-to-(noise + distor- tion) ratio with a 1kHz, 0dB input signal. SINAD is related to ENOB as follows SINAD = 6.02 • ENOB + 1.76 With lower reference voltages, extra care should be taken to provide a clean layout including adequate bypassing, a clean power supply, a low-noise reference, and a low-noise input signal. Because the LSB size is lower, the converter will also be more sensitive to external sources of error such as nearby digital signals and electromagnetic interference. DIGITAL INTERFACE SIGNAL LEVELS The digital inputs of the ADS7822 can accommodate logic levels up to 6V regardless of the value of VCC. Thus, the ADS7822 can be powered at 3V and still accept inputs from logic powered at 5V. The CMOS digital output (DOUT) will swing 0V to VCC. If VCC is 3V and this output is connected to a 5V CMOS logic input, then that IC may require more supply current than normal and may have a slightly longer propagation delay. SERIAL INTERFACE The ADS7822 communicates with microprocessors and other digital systems via a synchronous 3-wire serial interface as shown in Figure 1 and Table I. The DCLOCK signal syn- chronizes the data transfer with each bit being transmitted on the falling edge of DCLOCK. Most receiving systems will capture the bitstream on the rising edge of DCLOCK. How- ever, if the minimum hold time for DOUT is acceptable, the system can use the falling edge of DCLOCK to capture each bit. FIGURE 1. ADS7822 Basic Timing Diagrams. CS/SHDN D OUT DCLOCK t DATA t SUCS t CYC t CONV Power Down t SMPL Note: (1) After completing the data transfer, if further clocks are applied with CS LOW, the A/D will output LSB-First data then followed with zeroes indefinitely. B11 (MSB) B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0(1) Null Bit Hi-Z Hi-Z B11 B10 B9 B8 Null Bit CS/SHDN D OUT DCLOCK t CONV t DATA t SUCS t CSD t CYC Power Down t SMPL Note: (1) After completing the data transfer, if further clocks are applied with CS LOW, the A/D will output zeroes indefinitely. t DATA: During this time, the bias current and the comparator power down and the reference input becomes a high impedance node, leaving the CLK running to clock out LSB-First data or zeroes. B11 (MSB) B10 B9 B8 B7 B6 B5 B4 B4 B3 B3 B2 B2 B1 B1 B0 Null Bit Hi-Z Hi-Z B5 B6 B7 B8 B9 B10 B11 (1) t CSD |
Số phần tương tự - ADS7822EC |
|
Mô tả tương tự - ADS7822EC |