công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVX245MSC bảng dữ liệu(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện 74LVX245MSC
Giải thích chi tiết về linh kiện  Low Voltage Octal Bidirectional Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LVX245MSC bảng dữ liệu(HTML) 3 Page - National Semiconductor (TI)

  74LVX245MSC Datasheet HTML 1Page - National Semiconductor (TI) 74LVX245MSC Datasheet HTML 2Page - National Semiconductor (TI) 74LVX245MSC Datasheet HTML 3Page - National Semiconductor (TI) 74LVX245MSC Datasheet HTML 4Page - National Semiconductor (TI) 74LVX245MSC Datasheet HTML 5Page - National Semiconductor (TI) 74LVX245MSC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Noise Characteristics
Symbol
Parameter
VCC
(V)
74LVX245
Units
Conditions
CL (pF)
TA e 25 C
Typ
Limit
VOLP
Quiet Output Maximum Dynamic VOL
33
05
08
V
50
VOLV
Quiet Output Minimum Dynamic VOL
33
b
05
b
08
V
50
VIHD
Minimum High Level Dynamic Input Voltage
33
20
V
50
VILD
Maximum Low Level Dynamic Input Voltage
33
08
V
50
Note
Input tr e tf e 3ns
AC Electrical Characteristics
Symbol
Parameter
VCC
(V)
74LVX245
74LVX245
Units
Conditions
TA ea25 C
TA e
b
40 Cto a85 C
Min
Typ
Max
Min
Max
tPLH
Propagation Delay Time
27
61
107
10
135
ns
CL e 15 pF
tPHL
86
142
10
170
CL e 50 pF
33 g03
47
68
10
80
CL e 15 pF
72
101
10
115
CL e 50 pF
tPZL
TRI-STATE Output
27
90
169
10
205
ns
CL e 15 pF RL e 1kX
tPZH
Enable Time
115
204
10
240
CL e 50 pF RL e 1kX
33g03
71
110
10
130
CL e 15 pF RL e 1kX
96
145
10
165
CL e 50 pF RL e 1kX
tPLZ
TRI-STATE Output
27
115
180
10
210
ns
CL e 50 pF RL e 1kX
tPHZ
Disable Time
33 g03
96
128
10
145
CL e 50 pF RL e 1kX
tOSLH
Output to Output Skew
27
15
15
ns
CL e 50 pF (Note 1)
tOSHL
(Note 1)
Note 1
Parameter guaranteed by design tOSLH e
ltPLHm b tPLHnl tOSHL e ltPHLm b tPHLnl
Capacitance
Symbol
Parameter
74LVX245
74LVX245
Units
TA ea25 C
TA e
b
40 Cto a85 C
Min
Typ
Max
Min
Max
CIN
Input Capacitance TR OE
410
10
pF
CIO
Output Capacitance An Bn
8pF
CPD
Power Dissipation
21
pF
Capacitance (Note 1)
Note 1
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption
without load
Average operating current can be obtained by the equation ICC(opr) e
CPD c VCC c fIN a ICC
8 (per bit)
http
www nationalcom
3


Số phần tương tự - 74LVX245MSC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LVX245M FAIRCHILD-74LVX245M Datasheet
87Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
ON Semiconductor
74LVX245M ONSEMI-74LVX245M Datasheet
192Kb / 8P
   Low Voltage Octal Bidirectional Transceiver
Revised April 2005
logo
Fairchild Semiconductor
74LVX245MTC FAIRCHILD-74LVX245MTC Datasheet
87Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
ON Semiconductor
74LVX245MTC ONSEMI-74LVX245MTC Datasheet
192Kb / 8P
   Low Voltage Octal Bidirectional Transceiver
Revised April 2005
logo
Fairchild Semiconductor
74LVX245MTCX FAIRCHILD-74LVX245MTCX Datasheet
87Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
More results

Mô tả tương tự - 74LVX245MSC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
74LVX245 ONSEMI-74LVX245 Datasheet
192Kb / 8P
   Low Voltage Octal Bidirectional Transceiver
Revised April 2005
logo
Fairchild Semiconductor
74LVQ245 FAIRCHILD-74LVQ245_01 Datasheet
69Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
74LVX245 FAIRCHILD-74LVX245 Datasheet
87Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
ON Semiconductor
74LVT2245 ONSEMI-74LVT2245 Datasheet
294Kb / 11P
   Low Voltage Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
74AC245 ONSEMI-74AC245 Datasheet
406Kb / 14P
   Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ245 FAIRCHILD-74LVQ245 Datasheet
94Kb / 6P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LCXR2245 ONSEMI-74LCXR2245 Datasheet
435Kb / 14P
   Low Voltage Bidirectional Transceiver
March 2008 Rev. 1.2.0
74VCX245 ONSEMI-74VCX245 Datasheet
654Kb / 13P
   Low Voltage Bidirectional Transceiver
Revised December 2013
74LVT245 ONSEMI-74LVT245 Datasheet
328Kb / 12P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com