công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS852 bảng dữ liệu(PDF) 2 Page - Burr-Brown (TI) |
|
|
ADS852 bảng dữ liệu(HTML) 2 Page - Burr-Brown (TI) |
2 / 5 page 2 ® ADS852 SPECIFICATIONS At TA = full specified temperature range, differential input range = 1.5V to 3.5V, sampling rate = 65MHz, and external reference, unless otherwise noted. +3V/+5V Logic Compatible CMOS Straight Offset Binary +3V/+5V Logic Compatible CMOS ADS852Y PARAMETER CONDITIONS MIN TYP MAX UNITS RESOLUTION 14 Guaranteed Bits SPECIFIED TEMPERATURE RANGE Ambient Air –40 to +85 °C ANALOG INPUT Standard Differential Input Range (2Vp-p x 2, +16dBm) 1.5 3.5 V Optional Single-Ended Input Range 4Vp-p 0.5 4.5 V Common-Mode Voltage 2.5 V Optional Input Ranges Selectable 2Vp-p (+10dBm) or 3Vp-p (+13dBm) V Analog Input Bias Current 1 µA Track-Mode Input Bandwidth –3dBFS 1 GHz Input Impedance 1.25 || 9 M Ω || pF CONVERSION CHARACTERISTICS Sample Rate 1M 65M Samples/s Data Latency 7 Clk Cyc DYNAMIC CHARACTERISTICS Differential Linearity Error (largest code error) f = 2.2MHz ±0.5 ±1.0 LSB f = 20MHz ±0.5 LSB No Missing Codes Guaranteed Integral Nonlinearity Error, f = 1MHz ±0.5 ±2.0 LSBs Spurious Free Dynamic Range(1) f = 2.2MHz 105 dBFS(2) f = 20MHz 100 dBFS f = 31MHz 100 dBFS Two-Tone Intermodulation Distortion(3) f = 4.5MHz and 5.5MHz (–7dB each tone) –95 dBc Signal-to-Noise Ratio (SNR) f = 2.2MHz 75 dBFS f = 20MHz 75 dBFS f = 31MHz 75 dBFS Signal-to-(Noise + Distortion) (SINAD) f = 2.2MHz 75 dB f = 20MHz 75 dB f = 31MHz 74 dBFS Output Noise Input Grounded TBD LSBs rms Aperture Delay Time 3ns Aperture Jitter 0.25 ps rms Overvoltage Recovery Time 2ns Full-Scale Step Acquisition Time 5ns DIGITAL INPUTS Convert Command (Start Conversion) Rising Edge of Convert Clock +0.5 +VS Vp-p Logic Family (Other Clock Inputs) High Level Input Current(4) (VIN = 5V) 100 µA Low Level Input Current (VIN = 0V) 10 µA High Level Input Voltage +2.0 V Low Level Input Voltage +1.0 V Input Capacitance 5pF DIGITAL OUTPUTS Logic Family Logic Coding Low Output Voltage (IOL = 50µA to 1.6mA) VDRV = 3V +0.2 V High Output Voltage, (IOH = 50µA to 0.5mA) +2.5 V Low Output Voltage, (IOL = 50µA to 1.6mA) VDRV = 5V +0.2 V High Output Voltage, (IOH = 50µA to 1.6mA) +2.5 V 3-State Enable Time OE = L 20 40 ns 3-State Disable Time OE = H 2 10 ns Output Capacitance 5pF ACCURACY (Internal Reference, = 2V, Unless Otherwise Noted) Zero Error (Referred to –FS) at 25 °C 0.5 3.0 %FS Zero Error Drift (Referred to –FS) 12 ppm/ °C Gain Error(5) at 25 °C ±1.5 ±2.5 %FS Gain Error Drift(5) 38 ppm/ °C Gain Error(6) at 25 °C ±0.75 ±1.5 %FS Gain Error Drift(6) 20 ppm/ °C Power Supply Rejection of Gain ∆ V S = ±5% 68 dB Internal REF Tolerance Deviation from Ideal ±10 ±50 mV External REF Voltage Range 0.9 2 2.025 V Reference Input Resistance 1.0 k Ω |
Số phần tương tự - ADS852 |
|
Mô tả tương tự - ADS852 |