công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7FLITE30F2M6 bảng dữ liệu(PDF) 7 Page - STMicroelectronics

tên linh kiện ST7FLITE30F2M6
Giải thích chi tiết về linh kiện  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
Download  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE30F2M6 bảng dữ liệu(HTML) 7 Page - STMicroelectronics

Back Button ST7FLITE30F2M6 Datasheet HTML 3Page - STMicroelectronics ST7FLITE30F2M6 Datasheet HTML 4Page - STMicroelectronics ST7FLITE30F2M6 Datasheet HTML 5Page - STMicroelectronics ST7FLITE30F2M6 Datasheet HTML 6Page - STMicroelectronics ST7FLITE30F2M6 Datasheet HTML 7Page - STMicroelectronics ST7FLITE30F2M6 Datasheet HTML 8Page - STMicroelectronics ST7FLITE30F2M6 Datasheet HTML 9Page - STMicroelectronics ST7FLITE30F2M6 Datasheet HTML 10Page - STMicroelectronics ST7FLITE30F2M6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 167 page
background image
ST7LITE3
7/167
Note:
For input with interrupt possibility “eix” defines the associated external interrupt vector which can be as-
signed to one of the I/O pins using the EISR register. Each interrupt can be either weak pull-up or floating
defined through option register OR.
12
PA6 /MCO/
ICCCLK/
BREAK
I/O
CT
X
ei1
X
X
Port A6
Main Clock Output or In Circuit Commu-
nication Clock or External BREAK
Caution: During normal operation this
pin must be pulled- up, internally or ex-
ternally (external pull-up of 10k manda-
tory in noisy environment). This is to
avoid entering ICC mode unexpectedly
during a reset. In the application, even if
the pin is configured as output, any re-
set will put it back in input pull-up.
13
PA5 /ATPWM3/
ICCDATA
I/O CT HS
X
X
X
Port A5
Auto-Reload Timer PWM3 or In Circuit
Communication Data
14 PA4/ATPWM2
I/O CT HS
X
X
X
Port A4
Auto-Reload Timer PWM2
15 PA3/ATPWM1
I/O CT HS
X
ei0
X
X
Port A3
Auto-Reload Timer PWM1
16 PA2/ATPWM0
I/O CT HS
X
X
X
Port A2
Auto-Reload Timer PWM0
17 PA1/ATIC
I/O CT HS
X
X
X
Port A1
Auto-Reload Timer Input Capture
18 PA0/LTIC
I/O CT HS
X
X
X
X
Port A0
Lite Timer Input Capture
19 OSC2
O
Resonator oscillator inverter output
20 OSC1/CLKIN
I
Resonator oscillator inverter input or External clock
input
Pin
No.
Pin Name
Level
Port / Control
Main
Function
(after
reset)
Alternate Function
Input
Output
1


Số phần tương tự - ST7FLITE30F2M6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST7FLITE-SK/RAIS STMICROELECTRONICS-ST7FLITE-SK/RAIS Datasheet
1Mb / 125P
   8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
ST7FLITE-SK/RAIS STMICROELECTRONICS-ST7FLITE-SK/RAIS Datasheet
76Kb / 4P
   Raisonance?셲 complete, low-cost starter kits for ST7
ST7FLITE-SK/RAIS2 STMICROELECTRONICS-ST7FLITE-SK/RAIS2 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7FLITE02 STMICROELECTRONICS-ST7FLITE02 Datasheet
1Mb / 125P
   8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
ST7FLITE02 STMICROELECTRONICS-ST7FLITE02 Datasheet
2Mb / 124P
   8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
More results

Mô tả tương tự - ST7FLITE30F2M6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST7LITE3XF2 STMICROELECTRONICS-ST7LITE3XF2 Datasheet
2Mb / 173P
   8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1 STMICROELECTRONICS-ST7LITE1 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
December 2004 Rev. 2.0
ST7FLIT15BF1M6 STMICROELECTRONICS-ST7FLIT15BF1M6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com