công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AOD609 bảng dữ liệu(PDF) 3 Page - VBsemi Electronics Co.,Ltd

tên linh kiện AOD609
Giải thích chi tiết về linh kiện  N- and P-Channel 40 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VBSEMI [VBsemi Electronics Co.,Ltd]
Trang chủ  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AOD609 bảng dữ liệu(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  AOD609 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AOD609 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AOD609 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AOD609 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AOD609 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AOD609 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AOD609 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AOD609 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd AOD609 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Turn-On Delay Timec
td(on)
VDD = 20 V, RL = 2 
ID  10 A, VGEN = 10 V, Rg = 1 
N-Ch
-
7
11
ns
VDD = - 20 V, RL = 2 
ID  - 10 A, VGEN = - 10 V, Rg = 1 
P-Ch
-
11
17
Rise Timec
tr
VDD = 20 V, RL = 2 
ID  10 A, VGEN = 10 V, Rg = 1 
N-Ch
-
21
32
VDD = - 20 V, RL = 2 
ID  - 10 A, VGEN = - 10 V, Rg = 1 
P-Ch
-
9
14
Turn-Off Delay Timec
td(off)
VDD = 20 V, RL = 2 
ID  10 A, VGEN = 10 V, Rg = 1 
N-Ch
-
33
50
VDD = - 20 V, RL = 2 
ID  - 10 A, VGEN = - 10 V, Rg = 1 
P-Ch
-
55
83
Fall Timec
tf
VDD = 20 V, RL = 2 
ID  10 A, VGEN = 10 V, Rg = 1 
N-Ch
-
19
29
VDD = - 20 V, RL = 2 
ID  - 10 A, VGEN = - 10 V, Rg = 1 
P-Ch
-
91
137
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
N-Ch
-
-
32
A
P-Ch
-
-
- 32
Forward Voltage
VSD
IS = 4 A
N-Ch
-
0.79
1.2
V
IS = - 4 A
P-Ch
-
- 0.82
- 1.2
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AOD609
3


Số phần tương tự - AOD609

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Alpha & Omega Semicondu...
AOD609 AOSMD-AOD609 Datasheet
254Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOD609 AOSMD-AOD609 Datasheet
275Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AOD609 AOSMD-AOD609_09 Datasheet
275Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
More results

Mô tả tương tự - AOD609

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Telefunken
SI4564DY TFUNK-SI4564DY Datasheet
303Kb / 15P
   N- and P-Channel 40 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
STU310DH VBSEMI-STU310DH Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
VBE5415 VBSEMI-VBE5415 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
P2003ND5G VBSEMI-P2003ND5G Datasheet
2Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
4533GEH-HF VBSEMI-4533GEH-HF Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SI4561DY VISHAY-SI4561DY_V01 Datasheet
141Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
01-Jan-2022
73224 VISHAY-73224 Datasheet
87Kb / 8P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. A, 17-Jan-05
SI4564DY VISHAY-SI4564DY Datasheet
154Kb / 12P
   N- and P-Channel 40 V (D-S) MOSFET
Rev. B, 22-Feb-10
SI4563DY VISHAY-SI4563DY Datasheet
135Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 09-Mar-09
SI3529DV VISHAY-SI3529DV Datasheet
151Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 02-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com