công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC2873 bảng dữ liệu(PDF) 18 Page - Analog Devices

tên linh kiện LTC2873
Giải thích chi tiết về linh kiện  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

LTC2873 bảng dữ liệu(HTML) 18 Page - Analog Devices

Back Button LTC2873 Datasheet HTML 14Page - Analog Devices LTC2873 Datasheet HTML 15Page - Analog Devices LTC2873 Datasheet HTML 16Page - Analog Devices LTC2873 Datasheet HTML 17Page - Analog Devices LTC2873 Datasheet HTML 18Page - Analog Devices LTC2873 Datasheet HTML 19Page - Analog Devices LTC2873 Datasheet HTML 20Page - Analog Devices LTC2873 Datasheet HTML 21Page - Analog Devices LTC2873 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC2873
18
REV B
For more information www.analog.com
APPLICATIONS INFORMATION
Powering Multiple Devices
Multiple LTC2873 devices can be powered using the boost
regulator from only one of the devices, requiring only
one inductor (L1) and charge pump cap (C1). Since the
RS232 drivers provide the primary load to the circuit, the
following guidelines apply:
1. No more than four RS232 drivers can be supplied from
a single device.
2. If more than two RS232 drivers are being supplied
from a single device, then the inductor, L1, must be
increased to 22µH and the charge pump cap, C1, must
be increased to 470nH, and VDD and VEE bypass caps
must be increased to 2.2µF.
3. Ground the SW pin on devices with inactive boost
converters.
4. Connect CAP pins together for all devices.
5. Connect VEE pins together for all devices.
6. Connect VDD pins together for all devices.
Figure32showsanexampleofhowtoconnectfourdevices.
Inductor Selection
A 10µH or 22μH (±20%) inductor with a saturation current
(ISAT) rating of at least 220mA and a DCR (copper wire
resistance) of less than 1.3Ω is required. Some very small
inductors meeting these requirements are listed in Table 1.
Capacitor Selection
The small size of ceramic capacitors makes them ideal
for the LTC2873. Use X5R or X7R dielectric types; their
ESR is low and they retain their capacitance over relatively
wide voltage and temperature ranges. Use a voltage rating
of at least 10V.
Running with External VDD and VEE Supplies
The inductor and charge pump cap, C1, can be omitted
only if VDDandVEEareexternallysupplied.Bypasscapson
VDD and VEE must remain in place. In this circumstance,
ground the SW pin and float the CAP pin. External supplies
must not exceed the absolute maximum levels of ±7.5V.
Ideal supply levels are 7.2V and –6.5V as these are each
just wider than the regulation points of 7.0V and –6.3V so
the internal feedback is satisfied and the switching stops.
Lower voltages can be used even at –6V and +6V but the
internal boost regulator will be switching. This may cause
some switching noise but will not harm the part. VDD
and VEE supplies must be present for proper operation in
RS232 mode and in RS485 mode when the termination
is enabled. It is okay to run the LTC2873 in RS485 mode
with internal termination disabled (TE485 high), when VDD
and VEE are not present or fully settled.
Inrush Current and Supply Overshoot Precaution
Incertainapplications,fastsupplyslewratesaregenerated
when power is connected. If the VCC voltage is greater
than 4.5V and its rise time is faster than 10µs, the pins
VDD and SW can exceed their absolute maximum values
during start-up. When supply voltage is applied to VCC,the
voltage difference between VCC and VDD generates inrush
currentflowingthroughinductorL1andcapacitorsC1and
C2. The peak inrush current must not exceed 2A. To avoid
this condition, add a 1Ω resistor as shown in Figure 17.
This precaution is not relevant for supply voltages below
4.5V or rise times longer than 10µs.
Table 1. Recommended Inductors
PART NUMBER
L (μH)
ISAT (mA)
MAX DCR (Ω)
SIZE (mm)
MANUFACTURER
74479888310
10
250
0.5
2.5 × 2 × 1
Wurth Elektronik
CBC2016T100K (or M)
10
380
1.07
2 × 1.6 × 1.6
Taiyo Yuden
www.t-yuden.com
CBC2518T220K (or M)
22
320
1.0
2.5 × 1.8 × 1.8
BRC2016T220K (or M)
22
310
1.3
2 × 1.6 × 1.6
LQH32CN220K53
22
250
0.92
3.2 × 2.5 × 1.6
Murata
www.murata.com


Số phần tương tự - LTC2873

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LTC2873 LINER-LTC2873 Datasheet
184Kb / 6P
   Single-Bus RS485/RS232 Multiprotocolv Transceiver with Switchable Termination
More results

Mô tả tương tự - LTC2873

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LTC2873 LINER-LTC2873 Datasheet
184Kb / 6P
   Single-Bus RS485/RS232 Multiprotocolv Transceiver with Switchable Termination
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Technology
LTC1334 LINER-LTC1334_15 Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334 LINER-LTC1334 Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
   Single 5V RS232/RS422/RS485 Multiprotocol
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com