công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PK626HY bảng dữ liệu(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

tên linh kiện PK626HY
Giải thích chi tiết về linh kiện  Dual N-Channel Enhancement Mode MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Trang chủ  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PK626HY bảng dữ liệu(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PK626HY Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PK626HY Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PK626HY Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PK626HY Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PK626HY Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PK626HY Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PK626HY Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PK626HY Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD PK626HY Datasheet HTML 9Page - Wuxi U-NIKC Semiconductor CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PK626HY
Dual N-Channel Enhancement Mode MOSFET
Q2
Q1
Q2
Q1
THERMAL RESISTANCE RATINGS
CH. TYPICA
L
UNITS
Q2
Q1
Q2
Q1
1Pulse width limited by maximum junction temperature T
J(MAX)=150°
C.
2The value of Rq
JA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air
environment with TA =25°C.The value in any given application depends on the user's specific board design.
3Package limitation current :Q1=29A,Q2=34A.
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
Q2
30
Q1
30
Q2
1.3
1.75
2.3
Q1
1.3
1.75
2.3
Q2
±100
Q1
±100
Q2
0.5
mA
Q1
1
mA
Q2
5
mA
Q1
10
mA
Q2
2.3
3
Q1
7.4
9.5
Q2
1.9
2.4
Q1
5.6
7
Q2
70
Q1
50
VGS = 0V, ID = 1mA
VGS = 0V, ID = 250mA
VGS = 4.5V, ID = 11A
VGS = 10V, ID = 20A
UNITS
V
nA
Forward Transconductance
1
gfs
VDS = 5V, ID = 20A
VDS = 5V, ID = 11A
S
SYMBOL
THERMAL RESISTANCE
Operating Junction & Storage Temperature Range
PD
MAXIMUM
°C
1.7
2.7
Zero Gate Voltage Drain Current
IDSS
VDS = 24V, VGS = 0V
VDS = 20V,
VGS = 0V , TJ = 55 °C
RqJA
RqJC
TEST CONDITIONS
VGS(th)
TEST CONDITIONS
Gate Threshold Voltage
Gate-Body Leakage
1.7
-55 to 150
TA = 70 °C
Power Dissipation
TA = 25 °C
W
TJ, TSTG
1.1
70
5.2
STATIC
LIMITS
CH.
°C / W
Junction-to-Case
Junction-to-Ambient
2
VDS = 0V, VGS = ±20V
VGS = 4.5V, ID = 15A
46
2.9
PARAMETER
SYMBOL
VGS = 10V, ID = 11A
Drain-Source On-State
Resistance
1
RDS(ON)
VDS = VGS, ID = 250mA
Drain-Source Breakdown Voltage
V(BR)DSS
IGSS
REV 1.0
2
2017/1/5


Số phần tương tự - PK626HY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NIKO SEMICONDUCTOR CO.,...
PK626HY NIKOSEM-PK626HY Datasheet
276Kb / 7P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Mô tả tương tự - PK626HY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com