công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE3100G2DQIRL bảng dữ liệu(PDF) 4 Page - Silicom Ltd.

tên linh kiện PE3100G2DQIRL
Giải thích chi tiết về linh kiện  Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILICOM [Silicom Ltd.]
Trang chủ  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE3100G2DQIRL bảng dữ liệu(HTML) 4 Page - Silicom Ltd.

  PE3100G2DQIRL Datasheet HTML 1Page - Silicom Ltd. PE3100G2DQIRL Datasheet HTML 2Page - Silicom Ltd. PE3100G2DQIRL Datasheet HTML 3Page - Silicom Ltd. PE3100G2DQIRL Datasheet HTML 4Page - Silicom Ltd. PE3100G2DQIRL Datasheet HTML 5Page - Silicom Ltd. PE3100G2DQIRL Datasheet HTML 6Page - Silicom Ltd. PE3100G2DQIRL Datasheet HTML 7Page - Silicom Ltd. PE3100G2DQIRL Datasheet HTML 8Page - Silicom Ltd. PE3100G2DQIRL Datasheet HTML 9Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Silicom Ltd. Connectivity Solutions
Page
4
Cables and Operating
distance:
50um, (OM3) 1500 MHz*Km, 0.5 to 300 m
50um, (OM4) 3500 MHz*Km, 0.5 to 400 m
Output Transmit Power:
Maximum: 0.5 dBm per lane
Minimum: -7.5 dBm per lane
Optical Receive Sensitivity:
Minimum -7.5dBm
Maximum Input Power:
Maximum: 2.4 dBm
-QL4: Fiber 40GBASE-LR4 Ethernet Technical Specifications:
IEEE Standard / Network
topology:
Fiber 40Gigabit Ethernet, 40GBASE-LR4
(1264.5nm
– 1277.5nm ;
1284.5nm
– 1297.5nm ;
1304.5nm
– 1317.5nm ;
1324.5nm
– 1337.5nm LAN PHY).
IEEE 802.3ba
Data Transfer Rate:
10.3125 GBd per lane
Cables and Operating
distance:
SMF-28, 10Km
Output Transmit Power:
Maximum: 2.3 dBm per lane
Minimum: -7.0dBm per lane
Optical Receive Sensitivity:
Maximum: -9.6 dBm
Maximum Input Power:
Maximum: 2.3 dBm
Operating Systems Support
Operating system support:
Linux
General Technical Specifications
Interface Standard:
PCI-Express Base Specification Revision 3.0(8 GTs)
Board Size:
Low profile short add-
in card 167.64mm X 68.91mm (6.60”X 2.713”)
PCI Express Card Type:
2x X8 Lane
PCI Express Voltage:
+12V ± 8%
PCI Connector:
Gold Finger: X16 Lane
Controller:
Intel FM10420
Holder:
Metal Bracket
Power Consumption
–QX4:
15.48W
Power Consumption
–ZS4:
19.68W
Power Consumption
–ZL4:
19.32W
Operating Humidity:
0%
–90%, non-condensing


Số phần tương tự - PE3100G2DQIRL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicom Ltd.
PE3100G2DQIR SILICOM-PE3100G2DQIR Datasheet
603Kb / 10P
   Dual Port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR8 SILICOM-PE3100G2DQIR8 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR8-QL4 SILICOM-PE3100G2DQIR8-QL4 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR8-QS41 SILICOM-PE3100G2DQIR8-QS41 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR8-QS43 SILICOM-PE3100G2DQIR8-QS43 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
More results

Mô tả tương tự - PE3100G2DQIRL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicom Ltd.
PE3100G2DQIR8 SILICOM-PE3100G2DQIR8 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR SILICOM-PE3100G2DQIR Datasheet
603Kb / 10P
   Dual Port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIRM SILICOM-PE3100G2DQIRM Datasheet
971Kb / 12P
   Dual port Fiber 40/100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE340G2DBIR SILICOM-PE340G2DBIR Datasheet
744Kb / 12P
   Dual Port Fiber 40 Gigabit Ethernet PCI Express Content Director Bypass Server Adapter
PE31625G24DIRA SILICOM-PE31625G24DIRA Datasheet
685Kb / 5P
   Six port 100 Gigabit Ethernet PCI Express Director Server Adapter
PE310G4DBIR SILICOM-PE310G4DBIR Datasheet
794Kb / 12P
   Quad Port Copper 10 Gigabit Ethernet PCI Express Content Director Server Adapter
PE2G2FI35 SILICOM-PE2G2FI35 Datasheet
572Kb / 5P
   Dual Port Fiber Gigabit Ethernet PCI Express Server Adapter
PE3100G2DBIR SILICOM-PE3100G2DBIR Datasheet
587Kb / 10P
   Ethernet PCI Express Content Director Bypass Server Adapter
PE310G2SPB32 SILICOM-PE310G2SPB32 Datasheet
556Kb / 5P
   Dual port Fiber 10 Gigabit Ethernet PCI Express Server Adapter
PE2G2BPFI35 SILICOM-PE2G2BPFI35 Datasheet
785Kb / 8P
   Dual Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com