công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

BES0033 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

tên linh kiện BES0033
Nội dung chi tiết  Inductive Sensors
tải về  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  BALLUFF [Balluff Korea Ltd.]
Trang chủ  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

  BES0033 bảng dữ liệu HTML 1Page - Balluff Korea Ltd. BES0033 bảng dữ liệu HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES M08MI-POC20B-S49G
Order Code: BES0033
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 246503
ETIM 6.0: EC002714
BES0033_2_2019-01-21
2 / 2
Material
Housing material
Brass, Nickel-free coated
Material sensing surface
PBT
Surface protection
Nickel-free coated
Mechanical data
Dimension
Ø 8 x 60 mm
Installation
for flush mounting
Size
M8x1
Tightening torque
3 Nm
Output/Interface
Switching output
PNP normally closed (NC)
Range/Distance
Assured operating distance Sa
1.6 mm
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
2 mm
Real switching distance sr
2 mm
Repeat accuracy max. (% of Sr)
5.0 %
Switching distance marking
■■
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Remarks
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1  2 


bảng dữ liệu tải về

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn