công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

PE3100G2DBIR Datasheet(PDF) 1 Page - Silicom Ltd.

tên linh kiện PE3100G2DBIR
Nội dung chi tiết  Ethernet PCI Express Content Director Bypass Server Adapter
tải về  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  SILICOM [Silicom Ltd.]
Trang chủ  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

  PE3100G2DBIR bảng dữ liệu HTML 1Page - Silicom Ltd. PE3100G2DBIR bảng dữ liệu HTML 2Page - Silicom Ltd. PE3100G2DBIR bảng dữ liệu HTML 3Page - Silicom Ltd. PE3100G2DBIR bảng dữ liệu HTML 4Page - Silicom Ltd. PE3100G2DBIR bảng dữ liệu HTML 5Page - Silicom Ltd. PE3100G2DBIR bảng dữ liệu HTML 6Page - Silicom Ltd. PE3100G2DBIR bảng dữ liệu HTML 7Page - Silicom Ltd. PE3100G2DBIR bảng dữ liệu HTML 8Page - Silicom Ltd. PE3100G2DBIR bảng dữ liệu HTML 9Page - Silicom Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Silicom Ltd. Connectivity Solutions
Page
1
PE3100G2DBiR
Dual Port Fiber 100 Gigabit Ethernet PCI Express Content Director Bypass Server Adapter Intel®
FM10420 Based
Product Description
Silicom’s 100 Gigabit Ethernet PCI Express content aware director
Bypass server adapters is designed for servers and high-end
appliances. The Silicom content aware director server adapter is
designed with an on board smart routing architecture that enables
packets to be redirected or dropped based on defined rules.
The Silicom’s 100 Gigabit Ethernet content aware packet director
reduces host system process since only packets that are defined to be targeted to the host systems are routed to the host; other
packets can be routed to the other port or can be dropped by the content aware hardware routing architecture.
The Silicom’s 100 Gigabit Ethernet content aware packet director is targeted to network applications that needs to process, monitor
or bypass packets based on defined rules. The adapter supports three main modes of operation: Content Aware Bypass, Content
Aware TAP and content Aware filtering NIC.
Content Aware Bypass
Silicom’s 100 Gigabit Ethernet content aware director provides intelligent packet
redirection capability where rules specify which packets are directed to the host
system and which packets are directed to the other port (Bypass).
Content Aware TAP
Silicom’s 100 Gigabit Ethernet content aware director provides intelligent packet
redirection capability where all packets are directed to the other port (Bypassed)
and rules specify which packets are copied to the host system ( TAP).
Content Aware Filtering NIC
Silicom’s 100 Gigabit Ethernet content aware provides intelligent packet redirection capability where rules specify which packets
are directed to the host or dropped.
The Silicom 100 Gigabit Ethernet PCI Express content director server adapter is based on Intel FM10420 Ethernet controller and a
L3 switch router. The Silicom’s 100 Gigabit Ethernet PCI Express adapter is based on standard L2 driver and with the content
director engine reduces CPU host system processing.
The Silicom 100 Gigabit Ethernet PCI Express content aware server adapter offers simple integration into any PCI Express X16 to
100 Gigabit Network.
usa.com
-
ww.silicom
w



Html Pages

1  2  3  4  5  6  7  8  9  10 


bảng dữ liệu tải về

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn