công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE3100G2DBIR bảng dữ liệu(PDF) 7 Page - Silicom Ltd.

tên linh kiện PE3100G2DBIR
Giải thích chi tiết về linh kiện  Ethernet PCI Express Content Director Bypass Server Adapter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILICOM [Silicom Ltd.]
Trang chủ  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE3100G2DBIR bảng dữ liệu(HTML) 7 Page - Silicom Ltd.

Back Button PE3100G2DBIR Datasheet HTML 2Page - Silicom Ltd. PE3100G2DBIR Datasheet HTML 3Page - Silicom Ltd. PE3100G2DBIR Datasheet HTML 4Page - Silicom Ltd. PE3100G2DBIR Datasheet HTML 5Page - Silicom Ltd. PE3100G2DBIR Datasheet HTML 6Page - Silicom Ltd. PE3100G2DBIR Datasheet HTML 7Page - Silicom Ltd. PE3100G2DBIR Datasheet HTML 8Page - Silicom Ltd. PE3100G2DBIR Datasheet HTML 9Page - Silicom Ltd. PE3100G2DBIR Datasheet HTML 10Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Silicom Ltd. Connectivity Solutions
Page
7
Director Capabilities
The Redirector supports the following capabilities:
Maximum total number of rules is 16K
Each of the 16K rules can be defined to any port the on board multi-layer switch
Each rule refers to incoming packet
Rules are executed per order. First rule that matches will be executed
Rules can be added and removed on the fly
Each rule can include one or more classification fields. A rule match will be when all fields defined are match
Each field can have a bit masking to check part of the classification field
Per port statistics can be read, like packets count, errors, VLAN, and more
Rules and action are done in wire speed at any packet size
Rules classification fields
Rules classification is done based on the first 128 bytes of the packets. The following list provides rules classification fields
MAC address, source & destination
IPv4
– source & destination IP
IPv6
– source & destination IP
L4 Port
– source & destination port
Ethernet Protocol
– ethertype
IP Protocol num
VLAN ID tagging
User defined fields
DSCP
– match the different services code point – the six most significant bits of the Type of Service octet (IPv4) or Traffic Class
octet (IPv6).*
IPv6 Flow Label*
IP length*
ISL Frame Type*
ISL USER*
Source & destination port range*
VLAN priority*
VLAN tag type*
TCP flags*
TOS
– match Type of Service octet (IPv4) or Traffic Class octet (IPv6)*
TTL field in a IPv4 header or Hop Limit in a IPv6 header*
*Future SW supports
usa.com
-
ww.silicom
w


Số phần tương tự - PE3100G2DBIR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicom Ltd.
PE3100G2DBIRM SILICOM-PE3100G2DBIRM Datasheet
614Kb / 12P
   Dual Port Fiber 100 Gigabit Intel짰 FM10840 Based
More results

Mô tả tương tự - PE3100G2DBIR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicom Ltd.
PE340G2DBIR SILICOM-PE340G2DBIR Datasheet
744Kb / 12P
   Dual Port Fiber 40 Gigabit Ethernet PCI Express Content Director Bypass Server Adapter
PE3100G2DQIR8 SILICOM-PE3100G2DQIR8 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE310G4DBIR SILICOM-PE310G4DBIR Datasheet
794Kb / 12P
   Quad Port Copper 10 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR SILICOM-PE3100G2DQIR Datasheet
603Kb / 10P
   Dual Port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIRL SILICOM-PE3100G2DQIRL Datasheet
644Kb / 9P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIRM SILICOM-PE3100G2DQIRM Datasheet
971Kb / 12P
   Dual port Fiber 40/100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE31625G24DIRA SILICOM-PE31625G24DIRA Datasheet
685Kb / 5P
   Six port 100 Gigabit Ethernet PCI Express Director Server Adapter
PE2G4BPFI35A SILICOM-PE2G4BPFI35A Datasheet
787Kb / 8P
   Quad Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G2BPFI35 SILICOM-PE2G2BPFI35 Datasheet
785Kb / 8P
   Dual Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G4BPI80 SILICOM-PE2G4BPI80 Datasheet
723Kb / 6P
   Quad Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com