công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

PE340G2QI71 Datasheet(PDF) 1 Page - Silicom Ltd.

tên linh kiện PE340G2QI71
Nội dung chi tiết  Dual Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter
tải về  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  SILICOM [Silicom Ltd.]
Trang chủ  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

  PE340G2QI71 bảng dữ liệu HTML 1Page - Silicom Ltd. PE340G2QI71 bảng dữ liệu HTML 2Page - Silicom Ltd. PE340G2QI71 bảng dữ liệu HTML 3Page - Silicom Ltd. PE340G2QI71 bảng dữ liệu HTML 4Page - Silicom Ltd. PE340G2QI71 bảng dữ liệu HTML 5Page - Silicom Ltd. PE340G2QI71 bảng dữ liệu HTML 6Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
1
PE340G2QI71
Dual Port Fiber 40 Gigabit Ethernet PCI Express Server Adapter Intel® XL710BM2 Based
Product Description
Silicom’s 40 Gigabit Ethernet PCI Express server
adapters are designed for Servers and high-end
appliances. The Silicom 40 Gigabit Ethernet PCI
Express Server adapters offer simple integration into
any PCI Express X8 to 40Gigabit Networks.
The performance is optimized so that system I/O is
not the bottleneck in high-performance networking
applications.
The Silicom 40 Gigabit Ethernet PCI Express server adapters are based on Intel XL710BM2 Ethernet controller with
two fully integrated Gigabit Ethernet Media Access Control (MAC) and XLPPI Interface.
In addition to managing MAC and PHY Ethernet layer
functions, the controller manages PCI Express packet
traffic across its transaction, link, and physical/logical
layers. Using hardware acceleration, the controller
offloads tasks from the host, such as TCP/UDP/IP
checksum calculations and TCP segmentation.
Silicom’s 40 Gigabit Ethernet PCI-Express Server
adapters are the ideal solution for implementing multiple
network segments, mission-critical high-powered
networking applications and environments within high
performance servers.
Key Features
Performance Features:
Support for jumbo frame up to 9.5KB
Flow control support
Priority Flow Control (draft IEEE 802.1Qbb)
Enhanced Transmission Selection (draft IEEE802.1az)



Html Pages

1  2  3  4  5  6 


bảng dữ liệu tải về

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn