![]() |
công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PE325G4I71L Datasheet(PDF) 2 Page - Silicom Ltd. |
|
2 / 4 page ![]() Silicom Ltd. Connectivity Solutions Page 2 o 10GBASE-LR with 10Gigabit 1310nM Small form Factor Pluggable (SFP+) -ZS: Fiber 25 Gigabit Ethernet 25GBASE-SR: 25 Gigabit Fiber Ethernet port supports 25GBASE-SR (850nM LAN PHY) 25Gigabit 850nM Small form Factor Pluggable (SFP28) -ZL: Fiber 25 Gigabit Ethernet 25GBASE-LR: 25 Gigabit Fiber Ethernet port supports 25GBASE-LR (1310nM LAN PHY) 25Gigabit 1310nM Small form Factor Pluggable (SFP28) -SR: Fiber 10 Gigabit Ethernet 10GBASE-SR: 10 Gigabit Fiber Ethernet port supports 10GBASE-SR (850nM LAN PHY) 10Gigabit 850nM Small form Factor Pluggable (SFP+) -LR: Fiber 10 Gigabit Ethernet 10GBASE-LR: 10 Gigabit Fiber Ethernet port supports 10GBASE-LR (1310nM LAN PHY) 10Gigabit 1310nM Small form Factor Pluggable (SFP+) LAN and Virtualization Features: Unified Networking Providing a single wire for LAN and storage: NAS (SMB, NFS) and SAN (iSCSI, FCoE) Remote SAN boot with data path intelligent offload VEB (Virtual Ethernet Bridge) & Edge Virtual Bridging / 802.1Qbg VMDq for VMware Netqueue* and Microsoft DVMQ* SR-IOV (Single Root I/O Virtualization): up to 128 Virtual Functions iSCSI and PXE boot (legacy and UEFI) Support for standard and custom network headers Partially Programmable Pipeline and Advanced Traffic Steering Intel® Ethernet Flow Director – 8000 On-Die perfect match filters 1536 queues/Physical Function (PF), >64 RSS/PF and 256 VMDq/PF Data Center Bridging (DCB) up to 8 traffic classes Host Interface: PCIe x8 lanes from/to host via gold fingers of edge card Support PCI Express Base Specification Revision 3.0, 8GT/s, 5GT/s or 2.5GT/s Technical Specifications SFP28 25Gigabit Ethernet Technical Specifications Adapters: SFP28 (Small Form Factor Pluggable) supports: SFI interfaces supports 25GBase-R PCS and 25 Gigabit PMA in order to connect with SFP28 to 25GBase-SR |
|