công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

PE316ISLBEL Datasheet(PDF) 1 Page - Silicom Ltd.

tên linh kiện PE316ISLBEL
Nội dung chi tiết  PCIe 3.0 Crypto / Compression LBG Server Adapter
tải về  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  SILICOM [Silicom Ltd.]
Trang chủ  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

  PE316ISLBEL bảng dữ liệu HTML 1Page - Silicom Ltd. PE316ISLBEL bảng dữ liệu HTML 2Page - Silicom Ltd. PE316ISLBEL bảng dữ liệu HTML 3Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicom Ltd. Connectivity Solutions
Page
1
PE316ISLBEL
PCIe 3.0 Crypto / Compression LBG Server Adapter / LBG-x LBG-L
Product Description
Silicom’s LBG-x NS Crypto / Compression server adapters are 3rd generation
of Silicom adapters which are based Intel 3rd generation chipset to integrate
Intel® QuickAssist Technology.
Silicom’s LBG-x NS Crypto / Compression server adapters are optimized to
Intel® Architecture provide Data Centers and Cloud applications benefit
greatly from the high performance security and compression capabilities,
enabling more efficient network and storage architectures.
Simplest and highly mature architecture leading to highest reliability.
Silicom’s LBG-x NS Crypto/ Compression server adapters integrates 100Gbps accelerator.
Servers with Intel® QuickAssist technology create a new compute paradigm in cloud
services. Virtualized machines with virtualized acceleration services allow for network
function virtualization as standard practice.
Network elements share the same common standard hardware implementation. True
software define network elements run on standard server
Silicom’s LBG-x NS Crypto / Compression server adapters uses Intel solution and
drivers: Seamless integration with the customer’s OS and application.
Key Features
Intel® QuickAssist Technology for Crypto and Compression
o
Bulk: AES, 3DES, (A) RC4
o
Hash: MD5, SHA-1/2 SHA-3 HMAC
o
Wireless: KASUMI , ZUC, SNOW 3G
o
Public Key
– DH, RSA, DSA, EDSA, ECDH
o
Compression/Decompression-Deflate
o
RDMA (iWARP) support per link
PCI Express X16 lanes
Support PCI Express Base Specification 3.0 (8 GTs)



Html Pages

1  2  3 


bảng dữ liệu tải về

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn