công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE310G4DBIR bảng dữ liệu(PDF) 1 Page - Silicom Ltd.

tên linh kiện PE310G4DBIR
Giải thích chi tiết về linh kiện  Quad Port Copper 10 Gigabit Ethernet PCI Express Content Director Server Adapter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILICOM [Silicom Ltd.]
Trang chủ  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE310G4DBIR bảng dữ liệu(HTML) 1 Page - Silicom Ltd.

  PE310G4DBIR Datasheet HTML 1Page - Silicom Ltd. PE310G4DBIR Datasheet HTML 2Page - Silicom Ltd. PE310G4DBIR Datasheet HTML 3Page - Silicom Ltd. PE310G4DBIR Datasheet HTML 4Page - Silicom Ltd. PE310G4DBIR Datasheet HTML 5Page - Silicom Ltd. PE310G4DBIR Datasheet HTML 6Page - Silicom Ltd. PE310G4DBIR Datasheet HTML 7Page - Silicom Ltd. PE310G4DBIR Datasheet HTML 8Page - Silicom Ltd. PE310G4DBIR Datasheet HTML 9Page - Silicom Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Silicom Ltd. Connectivity Solutions
Page
1
PE310G4DBIR-T Intel® FM10420 Based
Quad Port Copper 10 Gigabit Ethernet PCI Express Content Director Server Adapter
Product Description
Silicom’s 10 Gigabit Ethernet PCI Express content aware director
Bypass server adapters is designed for servers and high-end
appliances. The Silicom content aware director server adapter is
designed with an on board smart routing architecture that enables
packets to be redirected or dropped based on defined rules.
The Silicom’s 10 Gigabit Ethernet content aware packet director
reduces host system process since only packets that are defined to be targeted to the host systems are routed to the host; other
packets can be routed to the other port or can be dropped by the content aware hardware routing architecture.
The Silicom’s 10 Gigabit Ethernet content aware packet director is targeted to network applications that needs to process, monitor
or bypass packets based on defined rules. The adapter supports three main modes of operation: Content Aware Bypass, Content
Aware TAP and content Aware filtering NIC.
Content Aware Bypass
Silicom’s 10 Gigabit Ethernet content aware director provides
intelligent packet redirection capability where rules specify which
packets are directed to the host system and which packets are
directed to the other port (Bypass).
Content Aware TAP
Silicom’s 10 Gigabit Ethernet content aware director provides
intelligent packet redirection capability where all packets are
directed to the other port (Bypassed) and rules specify which
packets are copied to the host system ( TAP).
Content Aware Filtering NIC
Silicom’s 10 Gigabit Ethernet content aware provides intelligent packet redirection capability where rules specify which packets are
directed to the host or dropped.
The Silicom 10 Gigabit Ethernet PCI Express content director server adapter is based on Intel FM10420 Ethernet controller and a
L3 switch router. The Silicom’s 10 Gigabit Ethernet PCI Express adapter is based on standard L2 driver and with the content
director engine reduces CPU host system processing.
The Silicom 10 Gigabit Ethernet PCI Express content aware server adapter offers simple integration into any PCI Express X8 to
10Gigabit Network.


Số phần tương tự - PE310G4DBIR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicom Ltd.
PE310G4DE4816BI-A SILICOM-PE310G4DE4816BI-A Datasheet
578Kb / 5P
   Quad Port 10GbE Broadwell DE In-Line System on NIC Network Adapter
PE310G4DE4816BIA SILICOM-PE310G4DE4816BIA Datasheet
578Kb / 5P
   Quad Port 10GbE Broadwell DE In-Line System on NIC Network Adapter
More results

Mô tả tương tự - PE310G4DBIR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicom Ltd.
PE310G4I40 SILICOM-PE310G4I40 Datasheet
333Kb / 4P
   Quad Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
PE2G4I35 SILICOM-PE2G4I35 Datasheet
428Kb / 5P
   Quad Port Copper Gigabit Ethernet PCI Express Server Adapter
PE2G4I80L SILICOM-PE2G4I80L Datasheet
428Kb / 5P
   Quad Port Copper Gigabit Ethernet PCI Express Server Adapter
PE2G4B19L SILICOM-PE2G4B19L Datasheet
448Kb / 5P
   Quad Port Copper Gigabit Ethernet PCI Express Server Adapter
PE3100G2DQIR8 SILICOM-PE3100G2DQIR8 Datasheet
647Kb / 12P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIR SILICOM-PE3100G2DQIR Datasheet
603Kb / 10P
   Dual Port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE3100G2DQIRL SILICOM-PE3100G2DQIRL Datasheet
644Kb / 9P
   Dual port Fiber 100 Gigabit Ethernet PCI Express Content Director Server Adapter
PE2G4BPI80 SILICOM-PE2G4BPI80 Datasheet
723Kb / 6P
   Quad Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G4I80 SILICOM-PE2G4I80 Datasheet
431Kb / 5P
   Quad Port Copper Gigabit Ethernet PCI Express Network Server Adapter
PE2G4BPI35A SILICOM-PE2G4BPI35A Datasheet
843Kb / 7P
   Quad Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12