công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE310G4BPI40 bảng dữ liệu(PDF) 2 Page - Silicom Ltd.

tên linh kiện PE310G4BPI40
Giải thích chi tiết về linh kiện  Quad port Copper 10 Gigabit Ethernet PCI Express Bypass Server
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILICOM [Silicom Ltd.]
Trang chủ  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE310G4BPI40 bảng dữ liệu(HTML) 2 Page - Silicom Ltd.

  PE310G4BPI40 Datasheet HTML 1Page - Silicom Ltd. PE310G4BPI40 Datasheet HTML 2Page - Silicom Ltd. PE310G4BPI40 Datasheet HTML 3Page - Silicom Ltd. PE310G4BPI40 Datasheet HTML 4Page - Silicom Ltd. PE310G4BPI40 Datasheet HTML 5Page - Silicom Ltd. PE310G4BPI40 Datasheet HTML 6Page - Silicom Ltd. PE310G4BPI40 Datasheet HTML 7Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Software Programmable Disconnect Capability Enable / Disable.
Software Programmable mode Bypass, Normal or Disconnect mode at Power up.
Software Programmable mode Bypass, Normal mode) at Power off.
Independent Bypass operation in every two ports.
Emulates standard NIC
Copper 10 Gigabit Ethernet 10GBASE-T :
Integrated 10 Gigabit Copper PHY supports 10GBASE-T, 1000 BASE- T and 100BASE- TX.
Triple speed 10Gbps (10GBase-T), 1000Mbps (1000Base-T) and 100 Mbps (100Base-Tx).
RJ-45 connector supports CAT 6A cable.
Performance Features:
Support for jumbo frame up to 15.5KB
Flow control support
Statistics management and RMON
802.1q VLAN support
TCP segmentation offload: up to 256KB.
IPV6 Supports for IP/ TCP and IP/UDP Receive Checksum offload
Fragmented UDP checksum offload for Packet Reassembly
Message Signal interrupts ( MSI)
Message Signal interrupts ( MSI-X)
Interrupt throttling control to limit maximum interrupt rate and improve CPU usage
Multiple Receive Queues ( RSs): 128 (8×8 & 16×4)
128 Transmit queues
Support for 64Virtual Device Queues ( VMDq) per port
Support Direct Cache Access ( DCA)
Large on chip receive packet buffer (384 KB)
Large on chip transmit packet buffer ( 160KB)
Host Interface:
PCI Express X8 lanes
Support PCI Express Base Specification 3.0 (8GT/s)


Số phần tương tự - PE310G4BPI40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicom Ltd.
PE310G4BPI71 SILICOM-PE310G4BPI71 Datasheet
803Kb / 7P
   Quad Port Fiber 10 Gigabit Ethernet PCI Express Bypass Server Adapter
PE310G4BPI71-LR SILICOM-PE310G4BPI71-LR Datasheet
803Kb / 7P
   Quad Port Fiber 10 Gigabit Ethernet PCI Express Bypass Server Adapter
PE310G4BPI71-SR SILICOM-PE310G4BPI71-SR Datasheet
803Kb / 7P
   Quad Port Fiber 10 Gigabit Ethernet PCI Express Bypass Server Adapter
PE310G4BPI9 SILICOM-PE310G4BPI9 Datasheet
818Kb / 10P
   Quad Port Fiber 10 Gigabit Ethernet Bypass Server Adapter
PE310G4BPI9-LR-SD SILICOM-PE310G4BPI9-LR-SD Datasheet
818Kb / 10P
   Quad Port Fiber 10 Gigabit Ethernet Bypass Server Adapter
More results

Mô tả tương tự - PE310G4BPI40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicom Ltd.
PE2G4BPI80 SILICOM-PE2G4BPI80 Datasheet
723Kb / 6P
   Quad Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G4BPI35A SILICOM-PE2G4BPI35A Datasheet
843Kb / 7P
   Quad Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G4BPI35LA SILICOM-PE2G4BPI35LA Datasheet
772Kb / 7P
   Quad Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PE210G2BPI40 SILICOM-PE210G2BPI40 Datasheet
688Kb / 7P
   Dual port Copper 10 Gigabit Ethernet PCI Express Bypass Server
PE310G4I40 SILICOM-PE310G4I40 Datasheet
333Kb / 4P
   Quad Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
PE2G4BPI80L SILICOM-PE2G4BPI80L Datasheet
565Kb / 7P
   Quad Port Copper Gigabit Ethernet PCI Express Gen 2.0 Bypass Server Adapter
PE310G4BPI71 SILICOM-PE310G4BPI71 Datasheet
803Kb / 7P
   Quad Port Fiber 10 Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G2BPI35A SILICOM-PE2G2BPI35A Datasheet
585Kb / 7P
   Dual Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G4I35 SILICOM-PE2G4I35 Datasheet
428Kb / 5P
   Quad Port Copper Gigabit Ethernet PCI Express Server Adapter
PE2G4I80L SILICOM-PE2G4I80L Datasheet
428Kb / 5P
   Quad Port Copper Gigabit Ethernet PCI Express Server Adapter
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com