công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3V340 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS3V340
Giải thích chi tiết về linh kiện  QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS3V340 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button TS3V340 Datasheet HTML 3Page - Texas Instruments TS3V340 Datasheet HTML 4Page - Texas Instruments TS3V340 Datasheet HTML 5Page - Texas Instruments TS3V340 Datasheet HTML 6Page - Texas Instruments TS3V340 Datasheet HTML 7Page - Texas Instruments TS3V340 Datasheet HTML 8Page - Texas Instruments TS3V340 Datasheet HTML 9Page - Texas Instruments TS3V340 Datasheet HTML 10Page - Texas Instruments TS3V340 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TS3V340
QUAD SPDT HIGHBANDWIDTH VIDEO SWITCH
WITH LOW AND FLAT ONSTATE RESISTANCE
SCDS172A - JULY 2004 − REVISED DECEMBER 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
−6
−5
−4
−3
−2
−1
0
1
10
100
700
−60
−50
−40
−30
−20
−10
0
Figure 1. Gain/Phase vs Frequency
Y
Gain −3 dB at 627 MHz
J
Phase at −3-dB Frequency, −47 Deg
Frequency (MHz)
Phase
Gain
J
Y
−0.2
−0.18
−0.16
−0.14
−0.12
−0.1
−0.08
−0.06
−0.04
−0.02
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
−0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
Figure 2. Differential Gain/Phase vs VBIAS
VBIAS (V)
Y Differential Gain at 0.714 V, −0.11%
J Differential Phase at 0.714 V, 0.0466 Deg
Differental Phase
Differental Gain
J
Y


Số phần tương tự - TS3V340

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3V340 TI-TS3V340 Datasheet
692Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V340 TI-TS3V340 Datasheet
692Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V340 TI-TS3V340 Datasheet
928Kb / 30P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V340D TI-TS3V340D Datasheet
692Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V340D TI-TS3V340D Datasheet
692Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
More results

Mô tả tương tự - TS3V340

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3V340 TI-TS3V340_10 Datasheet
692Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V340 TI-TS3V340_09 Datasheet
692Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V340_101 TI-TS3V340_101 Datasheet
928Kb / 30P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330_10 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com