công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9965HL bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện TDA9965HL
Giải thích chi tiết về linh kiện  12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9965HL bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  TDA9965HL Datasheet HTML 1Page - NXP Semiconductors TDA9965HL Datasheet HTML 2Page - NXP Semiconductors TDA9965HL Datasheet HTML 3Page - NXP Semiconductors TDA9965HL Datasheet HTML 4Page - NXP Semiconductors TDA9965HL Datasheet HTML 5Page - NXP Semiconductors TDA9965HL Datasheet HTML 6Page - NXP Semiconductors TDA9965HL Datasheet HTML 7Page - NXP Semiconductors TDA9965HL Datasheet HTML 8Page - NXP Semiconductors TDA9965HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2004 Jul 05
2
Philips Semiconductors
Product specification
12-bit, 5.0 V, 30 Msps analog-to-digital
interface for CCD cameras
TDA9965
FEATURES
• Clamp and Track/Hold (CTH) circuit with adjustable
bandwidth, Programmable Gain Amplifier (PGA), 12-bit
Analog-to-Digital Converter (ADC) and reference
regulator
• Fully programmable via a 3-wire serial interface
• Sampling frequency up to 30 MHz
• PGA gain from 0 to 36 dB (in 0.05 dB steps)
• CTH programmable bandwidth from 35 to 284 MHz
typical
• Standby mode (20 mW typical)
• Low power consumption of only 425 mW typical
• 5 V operation and 2.5 to 5.25 V operation for the digital
outputs
• TTL compatible inputs; TTL and CMOS compatible
outputs.
APPLICATIONS
• CCD camera systems.
GENERAL DESCRIPTION
The TDA9965 is a 12-bit analog-to-digital interface for a
CCD camera. The device includes a CTH circuit, PGA and
a low-power 12-bit ADC, together with its reference
voltage regulator.
The CTH has a bandwidth circuit controlled by on-chip
DACs via a serial interface.
A 10-bit digital clamp controls the ADC input clamp level.
ORDERING INFORMATION
QUICK REFERENCE DATA
Note
1. Noise and clamp behaviour are not guaranteed for a PGA gain higher than 30 dB.
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9965HL
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
4.75
5
5.25
V
VCCD
digital supply voltage
4.75
5
5.25
V
VCCO
digital output supply voltage
2.5
3
5.25
V
ICCA
analog supply current
with internal regulator
65
mA
ICCD
digital supply current
with internal regulator
19
mA
ICCO
digital output supply current
fpix = 30 MHz; CL =10pF on all
data outputs; ramp input
1
mA
ADCres
ADC resolution
12
bits
Vi(IN)(p-p)
CTH input voltage
(peak-to-peak value)
2
V
GCTH
CTH output amplifier gain
0
dB
PGAdyn
PGA dynamic range
36
dB
fpix(max)
maximum pixel frequency
code fco(CTH) = 0000
30
−−
MHz
Ntot(rms)
total noise from CTH input to ADC
output (RMS value)
GPGA = 0 dB;
code fco(CTH) = 0000
0.85
LSB
Vn(i)(eq)(rms)
equivalent input noise
(RMS value)
GPGA = 30 dB;
code fco(CTH) = 0000; note 1
90
−µV
Ptot
total power consumption
425
mW


Số phần tương tự - TDA9965HL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965AHL PHILIPS-TDA9965AHL Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
More results

Mô tả tương tự - TDA9965HL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com