công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74VCX163245TTR bảng dữ liệu(PDF) 8 Page - STMicroelectronics

tên linh kiện 74VCX163245TTR
Giải thích chi tiết về linh kiện  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX163245TTR bảng dữ liệu(HTML) 8 Page - STMicroelectronics

Back Button 74VCX163245TTR Datasheet HTML 4Page - STMicroelectronics 74VCX163245TTR Datasheet HTML 5Page - STMicroelectronics 74VCX163245TTR Datasheet HTML 6Page - STMicroelectronics 74VCX163245TTR Datasheet HTML 7Page - STMicroelectronics 74VCX163245TTR Datasheet HTML 8Page - STMicroelectronics 74VCX163245TTR Datasheet HTML 9Page - STMicroelectronics 74VCX163245TTR Datasheet HTML 10Page - STMicroelectronics 74VCX163245TTR Datasheet HTML 11Page - STMicroelectronics 74VCX163245TTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
74VCX163245
8/15
AC ELECTRICAL CHARACTERISTICS
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device
switching in the same direction, either HIGH or LOW (tOSLH =| tPLHm -tPLHn|, tOSHL =|tPHLm -tPHLn|
2) Parameter guaranteed by design
CAPACITANCE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/16 (per circuit)
Symbol
Parameter
Test Condition TA = -40 to 85 °C
Unit
VCCB = 1.8 ± 0.15V VCCB = 1.8 ± 0.15V
VCCB = 2.5 ± 0.2V
VCCA =2.5 ± 0.2V
VCCA = 3.3 ± 0.3V
VCCA = 3.3 ± 0.3V
Min.
Max.
Min.
Max.
Min.
Max.
tPLH,tPHL Propagation Delay Time An to Bn
1.0
5.8
1.0
6.2
1.0
4.4
ns
tPLH,tPHL Propagation Delay Time Bn to An
1.0
5.5
1.0
5.1
1.0
4.0
tPZL,tPZH Output Enable Time OE to An
1.0
5.3
1.0
5.1
1.0
4.0
ns
tPZL,tPZH Output Enable Time OE to Bn
1.0
8.3
1.0
8.2
1.0
4.6
tPLZ,tPHZ Output Disable Time OE to An
1.0
5.2
1.0
5.6
1.0
4.8
ns
tPLZ,tPHZ Output Disable Time OE to Bn
1.0
4.6
1.0
4.5
1.0
4.4
tOSLH
tOSHL
Output To Output Skew Time
(note1, 2)
5.0
0.5
0.75
ns
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA =25 °C
-40to85°C
Min.
Typ.
Max.
Min.
Max.
CINA
Input Capacitance
open
open
5
V
CI/O
Input/Output
Capacitance
2.5
3.3
6
V
CPD
Power Dissipation
Capacitance
2.5
3.3
f=10MHz
20
V


Số phần tương tự - 74VCX163245TTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VCX163245 FAIRCHILD-74VCX163245 Datasheet
87Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74VCX163245 ONSEMI-74VCX163245 Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Fairchild Semiconductor
74VCX163245G FAIRCHILD-74VCX163245G Datasheet
87Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74VCX163245G ONSEMI-74VCX163245G Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Fairchild Semiconductor
74VCX163245GX FAIRCHILD-74VCX163245GX Datasheet
87Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results

Mô tả tương tự - 74VCX163245TTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCXHQ163245 STMICROELECTRONICS-74VCXHQ163245 Datasheet
643Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH BUS HOLD AND EMI NOISE CONTROL
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com