công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC912DG128CMPV bảng dữ liệu(PDF) 10 Page - Motorola, Inc

tên linh kiện MC912DG128CMPV
Giải thích chi tiết về linh kiện  The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit
Download  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC912DG128CMPV bảng dữ liệu(HTML) 10 Page - Motorola, Inc

Back Button MC912DG128CMPV Datasheet HTML 6Page - Motorola, Inc MC912DG128CMPV Datasheet HTML 7Page - Motorola, Inc MC912DG128CMPV Datasheet HTML 8Page - Motorola, Inc MC912DG128CMPV Datasheet HTML 9Page - Motorola, Inc MC912DG128CMPV Datasheet HTML 10Page - Motorola, Inc MC912DG128CMPV Datasheet HTML 11Page - Motorola, Inc MC912DG128CMPV Datasheet HTML 12Page - Motorola, Inc MC912DG128CMPV Datasheet HTML 13Page - Motorola, Inc MC912DG128CMPV Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 478 page
background image
Table of Contents
Technical Data
MC68HC912DT128A — Rev 4.0
10
Table of Contents
MOTOROLA
9.8
Programming EEDIVH and EEDIVL Registers. . . . . . . . . . . . 135
Section 10. Resets and Interrupts
10.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137
10.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137
10.3
Exception Priority . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 138
10.4
Maskable interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 138
10.5
Latching of Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 139
10.6
Interrupt Control and Priority Registers . . . . . . . . . . . . . . . . . 141
10.7
Interrupt test registers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 142
10.8
Resets. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
10.9
Effects of Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 145
10.10 Register Stacking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 147
Section 11. I/O Ports with Key Wake-up
11.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 149
11.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 149
11.3
Key Wake-up and port Registers . . . . . . . . . . . . . . . . . . . . . . 150
11.4
Key Wake-Up Input Filter . . . . . . . . . . . . . . . . . . . . . . . . . . . . 154
Section 12. Clock Functions
12.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 157
12.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 157
12.3
Clock Sources. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 158
12.4
Phase-Locked Loop (PLL) . . . . . . . . . . . . . . . . . . . . . . . . . . . 159
12.5
Acquisition and Tracking Modes. . . . . . . . . . . . . . . . . . . . . . . 161
12.6
Limp-Home and Fast STOP Recovery modes . . . . . . . . . . . . 163


Số phần tương tự - MC912DG128CMPV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC912DG128CMPV NXP-MC912DG128CMPV Datasheet
4Mb / 478P
   M68HC12 Microcontrollers
Rev. 4, 10/2003
More results

Mô tả tương tự - MC912DG128CMPV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC9S12T64 NXP-MC9S12T64 Datasheet
7Mb / 608P
   composed of standard on-chip peripherals including a 16-bit central
February 28th, 2003 - Revision 1.1.1
logo
Freescale Semiconductor...
MC812A4CPVE8 FREESCALE-MC812A4CPVE8 Datasheet
1Mb / 242P
   The MC68HC812A4 microcontroller unit (MCU) is a 16-bit device composed of standard on-chip
logo
Zilog, Inc.
Z84C0010PEC ZILOG-Z84C0010PEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z8400 ZILOG-Z8400 Datasheet
1,003Kb / 35P
   CENTRAL PROCESSING UNIT
Z84C0006VEG ZILOG-Z84C0006VEG Datasheet
1Mb / 36P
   Central Processing Unit
Z84C0006PEG ZILOG-Z84C0006PEG Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z84C0008VEC ZILOG-Z84C0008VEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
logo
List of Unclassifed Man...
TMS9980 ETC-TMS9980 Datasheet
1Mb / 9P
   SINGE-CHIP 16-BIT CENTRAL PROCESSING UNIT (CPU) WHICH HAS AN 8-BIT DATA BUS,ON-CHIP AND IS PACKAGED 40-PIN PACKAGE
logo
STMicroelectronics
Z8001SEGCPU STMICROELECTRONICS-Z8001SEGCPU Datasheet
4Mb / 82P
   CENTRAL PROCESSING UNIT
logo
Zilog, Inc.
Z84C0010FEC ZILOG-Z84C0010FEC Datasheet
1Mb / 36P
   Central Processing Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com