công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC912DT128AVPV bảng dữ liệu(PDF) 9 Page - Motorola, Inc

tên linh kiện MC912DT128AVPV
Giải thích chi tiết về linh kiện  The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit
Download  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC912DT128AVPV bảng dữ liệu(HTML) 9 Page - Motorola, Inc

Back Button MC912DT128AVPV Datasheet HTML 5Page - Motorola, Inc MC912DT128AVPV Datasheet HTML 6Page - Motorola, Inc MC912DT128AVPV Datasheet HTML 7Page - Motorola, Inc MC912DT128AVPV Datasheet HTML 8Page - Motorola, Inc MC912DT128AVPV Datasheet HTML 9Page - Motorola, Inc MC912DT128AVPV Datasheet HTML 10Page - Motorola, Inc MC912DT128AVPV Datasheet HTML 11Page - Motorola, Inc MC912DT128AVPV Datasheet HTML 12Page - Motorola, Inc MC912DT128AVPV Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 478 page
background image
Table of Contents
MC68HC912DT128A — Rev 4.0
Technical Data
MOTOROLA
Table of Contents
9
Section 7. Bus Control and Input/Output
7.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 103
7.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 103
7.3
Detecting Access Type from External Signals . . . . . . . . . . . . 103
7.4
Registers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 104
Section 8. Flash Memory
8.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115
8.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115
8.3
Overview. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 116
8.4
Flash EEPROM Control Block . . . . . . . . . . . . . . . . . . . . . . . . 116
8.5
Flash EEPROM Arrays . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 116
8.6
Flash EEPROM Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . 117
8.7
Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 119
8.8
Programming the Flash EEPROM . . . . . . . . . . . . . . . . . . . . . 120
8.9
Erasing the Flash EEPROM . . . . . . . . . . . . . . . . . . . . . . . . . . 121
8.10
Stop or Wait Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 121
8.11
Flash protection bit FPOPEN . . . . . . . . . . . . . . . . . . . . . . . . . 122
Section 9. EEPROM Memory
9.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 123
9.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 123
9.3
EEPROM Selective Write More Zeros . . . . . . . . . . . . . . . . . . 124
9.4
EEPROM Programmer’s Model . . . . . . . . . . . . . . . . . . . . . . . 125
9.5
EEPROM Control Registers . . . . . . . . . . . . . . . . . . . . . . . . . . 126
9.6
Program/Erase Operation. . . . . . . . . . . . . . . . . . . . . . . . . . . . 133
9.7
Shadow Word Mapping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 134


Số phần tương tự - MC912DT128AVPV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC912DT128AVPV NXP-MC912DT128AVPV Datasheet
4Mb / 478P
   M68HC12 Microcontrollers
Rev. 4, 10/2003
More results

Mô tả tương tự - MC912DT128AVPV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC9S12T64 NXP-MC9S12T64 Datasheet
7Mb / 608P
   composed of standard on-chip peripherals including a 16-bit central
February 28th, 2003 - Revision 1.1.1
logo
Freescale Semiconductor...
MC812A4CPVE8 FREESCALE-MC812A4CPVE8 Datasheet
1Mb / 242P
   The MC68HC812A4 microcontroller unit (MCU) is a 16-bit device composed of standard on-chip
logo
Zilog, Inc.
Z84C0010PEC ZILOG-Z84C0010PEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z8400 ZILOG-Z8400 Datasheet
1,003Kb / 35P
   CENTRAL PROCESSING UNIT
Z84C0006VEG ZILOG-Z84C0006VEG Datasheet
1Mb / 36P
   Central Processing Unit
Z84C0006PEG ZILOG-Z84C0006PEG Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z84C0008VEC ZILOG-Z84C0008VEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
logo
List of Unclassifed Man...
TMS9980 ETC-TMS9980 Datasheet
1Mb / 9P
   SINGE-CHIP 16-BIT CENTRAL PROCESSING UNIT (CPU) WHICH HAS AN 8-BIT DATA BUS,ON-CHIP AND IS PACKAGED 40-PIN PACKAGE
logo
STMicroelectronics
Z8001SEGCPU STMICROELECTRONICS-Z8001SEGCPU Datasheet
4Mb / 82P
   CENTRAL PROCESSING UNIT
logo
Zilog, Inc.
Z84C0010FEC ZILOG-Z84C0010FEC Datasheet
1Mb / 36P
   Central Processing Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com