công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC912DG128X bảng dữ liệu(PDF) 5 Page - Motorola, Inc

tên linh kiện MC912DG128X
Giải thích chi tiết về linh kiện  The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit
Download  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC912DG128X bảng dữ liệu(HTML) 5 Page - Motorola, Inc

  MC912DG128X Datasheet HTML 1Page - Motorola, Inc MC912DG128X Datasheet HTML 2Page - Motorola, Inc MC912DG128X Datasheet HTML 3Page - Motorola, Inc MC912DG128X Datasheet HTML 4Page - Motorola, Inc MC912DG128X Datasheet HTML 5Page - Motorola, Inc MC912DG128X Datasheet HTML 6Page - Motorola, Inc MC912DG128X Datasheet HTML 7Page - Motorola, Inc MC912DG128X Datasheet HTML 8Page - Motorola, Inc MC912DG128X Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 478 page
background image
MC68HC912DT128A — Rev 4.0
Technical Data
MOTOROLA
List of Paragraphs
5
Technical Data — MC68HC912DT128A
List of Paragraphs
Technical Data — List of Paragraphs . . . . . . . . . . . . . . . . 5
Technical Data — Table of Contents . . . . . . . . . . . . . . . . . 7
Technical Data — List of Figures . . . . . . . . . . . . . . . . . . 17
Technical Data — List of Tables . . . . . . . . . . . . . . . . . . . 21
Section 1. General Description . . . . . . . . . . . . . . . . . . . . 25
Section 2. Central Processing Unit . . . . . . . . . . . . . . . . . 35
Section 3. Pinout and Signal Descriptions . . . . . . . . . . . 41
Section 4. Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Section 5. Operating Modes . . . . . . . . . . . . . . . . . . . . . . . 79
Section 6. Resource Mapping . . . . . . . . . . . . . . . . . . . . . 87
Section 7. Bus Control and Input/Output . . . . . . . . . . . 103
Section 8. Flash Memory . . . . . . . . . . . . . . . . . . . . . . . . 115
Section 9. EEPROM Memory . . . . . . . . . . . . . . . . . . . . . 123
Section 10. Resets and Interrupts . . . . . . . . . . . . . . . . . 137
Section 11. I/O Ports with Key Wake-up . . . . . . . . . . . . 149
Section 12. Clock Functions . . . . . . . . . . . . . . . . . . . . . 157
Section 13. Oscillator . . . . . . . . . . . . . . . . . . . . . . . . . . . 193
Section 14. Pulse Width Modulator . . . . . . . . . . . . . . . . 225
Section 15. Enhanced Capture Timer . . . . . . . . . . . . . . 241
Section 16. Multiple Serial Interface . . . . . . . . . . . . . . . 277


Số phần tương tự - MC912DG128X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC912DG128X MOTOROLA-MC912DG128X Datasheet
2Mb / 404P
   microcontroller unit 16BIT DEVICE
More results

Mô tả tương tự - MC912DG128X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC9S12T64 NXP-MC9S12T64 Datasheet
7Mb / 608P
   composed of standard on-chip peripherals including a 16-bit central
February 28th, 2003 - Revision 1.1.1
logo
Freescale Semiconductor...
MC812A4CPVE8 FREESCALE-MC812A4CPVE8 Datasheet
1Mb / 242P
   The MC68HC812A4 microcontroller unit (MCU) is a 16-bit device composed of standard on-chip
logo
Zilog, Inc.
Z84C0010PEC ZILOG-Z84C0010PEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z8400 ZILOG-Z8400 Datasheet
1,003Kb / 35P
   CENTRAL PROCESSING UNIT
Z84C0006VEG ZILOG-Z84C0006VEG Datasheet
1Mb / 36P
   Central Processing Unit
Z84C0006PEG ZILOG-Z84C0006PEG Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z84C0008VEC ZILOG-Z84C0008VEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
logo
List of Unclassifed Man...
TMS9980 ETC-TMS9980 Datasheet
1Mb / 9P
   SINGE-CHIP 16-BIT CENTRAL PROCESSING UNIT (CPU) WHICH HAS AN 8-BIT DATA BUS,ON-CHIP AND IS PACKAGED 40-PIN PACKAGE
logo
STMicroelectronics
Z8001SEGCPU STMICROELECTRONICS-Z8001SEGCPU Datasheet
4Mb / 82P
   CENTRAL PROCESSING UNIT
logo
Zilog, Inc.
Z84C0010FEC ZILOG-Z84C0010FEC Datasheet
1Mb / 36P
   Central Processing Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com