công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PZT2907AT1 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện PZT2907AT1
Giải thích chi tiết về linh kiện  PNP SILICON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PZT2907AT1 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  PZT2907AT1 Datasheet HTML 1Page - ON Semiconductor PZT2907AT1 Datasheet HTML 2Page - ON Semiconductor PZT2907AT1 Datasheet HTML 3Page - ON Semiconductor PZT2907AT1 Datasheet HTML 4Page - ON Semiconductor PZT2907AT1 Datasheet HTML 5Page - ON Semiconductor PZT2907AT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PZT2907AT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS(2)
DC Current Gain
(IC = – 0.1 mAdc, VCE = –10 Vdc)
(IC = –1.0 mAdc, VCE = –10 Vdc)
(IC = –10 mAdc, VCE = –10 Vdc)
(IC = –150 mAdc, VCE = –10 Vdc)
(IC = – 500 mAdc, VCE = –10 Vdc)
hFE
75
100
100
100
50
300
Collector-Emitter Saturation Voltages
(IC = –150 mAdc, IB = –15 mAdc)
(IC = – 500 mAdc, IB = – 50 mAdc)
VCE(sat)
– 0.4
–1.6
Vdc
Base-Emitter Saturation Voltages
(IC = –150 mAdc, IB = –15 mAdc)
(IC = – 500 mAdc, IB = – 50 mAdc)
VBE(sat)
–1.3
– 2.6
Vdc
DYNAMIC CHARACTERISTICS
Current-Gain — Bandwidth Product (IC = – 50 mAdc, VCE = – 20 Vdc, f = 100 MHz)
fT
200
MHz
Output Capacitance (VCB = –10 Vdc, IE = 0, f = 1.0 MHz)
Cc
8.0
pF
Input Capacitance (VEB = – 2.0 Vdc, IC = 0, f = 1.0 MHz)
Ce
30
pF
SWITCHING TIMES
Turn-On Time
(VCC = – 30 Vdc, IC = –150 mAdc,
IB1 = –15 mAdc)
ton
45
ns
Delay Time
(VCC = – 30 Vdc, IC = –150 mAdc,
IB1 = –15 mAdc)
td
10
Rise Time
IB1 = –15 mAdc)
tr
40
Turn-Off Time
(VCC = – 6.0 Vdc, IC = –150 mAdc,
IB1 = IB2 = –15 mAdc)
toff
100
ns
Storage Time
(VCC = – 6.0 Vdc, IC = –150 mAdc,
IB1 = IB2 = –15 mAdc)
ts
80
Fall Time
IB1 = IB2 = –15 mAdc)
tf
30
2. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle = 2.0%.
Figure 1. Delay and Rise
Time Test Circuit
Figure 2. Storage and Fall
Time Test Circuit
INPUT
Zo = 50 Ω
PRF = 150 Hz
RISE TIME
≤ 2.0 ns
0
1.0 k
50
– 16 V
200 ns
– 30 V
200
TO OSCILLOSCOPE
RISE TIME
≤ 5.0 ns
0
1.0 k
50
– 30 V
200 ns
– 6.0 V
37
TO OSCILLOSCOPE
RISE TIME
≤ 5.0 ns
+15 V
1.0 k
1N916
INPUT
Zo = 50 Ω
PRF = 150 Hz
RISE TIME
≤ 2.0 ns


Số phần tương tự - PZT2907AT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
PZT2907AT1 MOTOROLA-PZT2907AT1 Datasheet
139Kb / 6P
   SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
PZT2907AT1 ONSEMI-PZT2907AT1 Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
November, 2011 ??Rev. 9
PZT2907AT1G ONSEMI-PZT2907AT1G Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
November, 2011 ??Rev. 9
PZT2907AT1G ONSEMI-PZT2907AT1G Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
August, 2013 ??Rev. 10
PZT2907AT1 ONSEMI-PZT2907AT1_11 Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
November, 2011 ??Rev. 9
More results

Mô tả tương tự - PZT2907AT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Central Semiconductor C...
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
   Surface Mount PNP Silicon Transistor
logo
Central Semiconductor C...
CMPT2907A CENTRAL-CMPT2907A_10 Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCW61B CENTRAL-BCW61B Datasheet
125Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT4209 CENTRAL-CMPT4209 Datasheet
330Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
ON Semiconductor
BF721T1 ONSEMI-BF721T1 Datasheet
105Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1998 REV 4
logo
Motorola, Inc
BF721T1 MOTOROLA-BF721T1 Datasheet
75Kb / 4P
   PNP SILICON TRANSISTOR SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com