công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PZT2222AT1 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện PZT2222AT1
Giải thích chi tiết về linh kiện  NPN SILICON TRANSISTOR SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PZT2222AT1 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  PZT2222AT1 Datasheet HTML 1Page - ON Semiconductor PZT2222AT1 Datasheet HTML 2Page - ON Semiconductor PZT2222AT1 Datasheet HTML 3Page - ON Semiconductor PZT2222AT1 Datasheet HTML 4Page - ON Semiconductor PZT2222AT1 Datasheet HTML 5Page - ON Semiconductor PZT2222AT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PZT2222AT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS — continued (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS (continued)
Collector-Base Cutoff Current
(VCB = 60 Vdc, IE = 0)
(VCB = 60 Vdc, IE = 0, TA = 125°C)
ICBO
10
10
nAdc
µAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 0.1 mAdc, VCE = 10 Vdc)
(IC = 1.0 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc, TA = – 55°C)
(IC = 150 mAdc, VCE = 10 Vdc)
(IC = 150 mAdc, VCE = 1.0 Vdc)
(IC = 500 mAdc, VCE = 10 Vdc)
hFE
35
50
70
35
100
50
40
300
Collector-Emitter Saturation Voltages
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
0.3
1.0
Vdc
Base-Emitter Saturation Voltages
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VBE(sat)
0.6
1.2
2.0
Vdc
Input Impedance
°
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
(VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz)
°hie°
2.0
0.25
8.0
1.25
k
Voltage Feedback Ratio
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
(VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz)
hre
8.0x10-4
4.0x10-4
Small-Signal Current Gain
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
(VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz)
hfe
50
75
300
375
Output Admittance
°
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
(VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz)
°hoe°
5.0
25
35
200
µmhos
Noise Figure (VCE = 10 Vdc, IC = 100 µAdc, f = 1.0 kHz)
F
4.0
dB
DYNAMIC CHARACTERISTICS
Current-Gain — Bandwidth Product
(IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz)
fT
300
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cc
8.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Ce
25
pF
SWITCHING TIMES (TA = 25°C)
Delay Time
(VCC = 30 Vdc, IC = 150 mAdc,
IB(on) = 15 mAdc, VEB(off) = 0.5 Vdc)
Figure 1
td
10
ns
Rise Time
IB(on) = 15 mAdc, VEB(off) = 0.5 Vdc)
Figure 1
tr
25
Storage Time
(VCC = 30 Vdc, IC = 150 mAdc,
IB(on) = IB(off) = 15 mAdc)
Figure 2
ts
225
ns
Fall Time
IB(on) = IB(off) = 15 mAdc)
Figure 2
tf
60


Số phần tương tự - PZT2222AT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
PZT2222AT1 MOTOROLA-PZT2222AT1 Datasheet
136Kb / 6P
   SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
PZT2222AT1G ONSEMI-PZT2222AT1G Datasheet
113Kb / 5P
   NPN Silicon Planar Epitaxial Transistor
August, 2013 ??Rev. 9
More results

Mô tả tương tự - PZT2222AT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Central Semiconductor C...
CXT2222A CENTRAL-CXT2222A Datasheet
103Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CXT491E CENTRAL-CXT491E Datasheet
73Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846 CENTRAL-BC846 Datasheet
345Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846W CENTRAL-BC846W Datasheet
422Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW31 CENTRAL-BCW31 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CTLT8099-M322S_1210 CENTRAL-CTLT8099-M322S_1210 Datasheet
505Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW65 CENTRAL-BCW65_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT5551 CENTRAL-CMPT5551_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMUT2222A CENTRAL-CMUT2222A_15 Datasheet
349Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A_10 Datasheet
534Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT3019 CENTRAL-CZT3019_10 Datasheet
535Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com