công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HLMP-2550 bảng dữ liệu(PDF) 8 Page - Agilent(Hewlett-Packard)

tên linh kiện HLMP-2550
Giải thích chi tiết về linh kiện  LED Light Bars
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-2550 bảng dữ liệu(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HLMP-2550 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
High Performance Green HLMP-2500/2800/2965 Series
Parameter
HLMP-
Symbol
Min.
Typ.
Max.
Units
Test Conditions
2500/2800/2820
I
V
5
25
mcd
I
F = 20 mA
Luminous Intensity
per Lighting Emitting
2550/2835/2855/2870
11
50
mcd
Area[1]
2965[4]
25
50
mcd
2885
22
100
mcd
Peak Wavelength
λ
PEAK
565
nm
Dominant Wavelength[2]
λ
d
572
nm
Forward Voltage per LED
V
F
2.2
2.6
V
I
F = 20 mA
Reverse Breakdown Voltage per LED[5]
V
R
615
V
I
R = 100 µA
Thermal Resistance LED Junction-to-Pin
R
θ
J-PIN
150
°C/W/
LED
Notes:
1. These devices are categorized for luminous intensity. The intensity category is designated by a letter code on the side of the package.
2. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and is the single wavelength which defines the color of the
device. Yellow and Green devices are categorized for dominant wavelength with the color bin designated by a number code on the side
of the package.
3. This is an HER/Yellow bicolor light bar. HER electrical/optical characteristics are shown in the HER table. Yellow electrical/optical
characteristics are shown in the Yellow table.
4. This is an HER/Green bicolor light bar. HER electrical/optical characteristics are shown in the HER table. Green electrical/optical
characteristics are shown in the Green table.
5. Does not apply to HLMP-2950 or HLMP-2965.


Số phần tương tự - HLMP-2550

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
QT Optoelectronics
HLMP-2550 QT-HLMP-2550 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2550 AVAGO-HLMP-2550 Datasheet
338Kb / 16P
   LED Light Bars
HLMP-2550 AVAGO-HLMP-2550 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP-2550 EVERLIGHT-HLMP-2550 Datasheet
997Kb / 5P
   These LED Light Bar series are bright, large emitting area,rectangular devices that are designed for backlighting legend/message annunciators
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2550 AVAGO-HLMP-2550 Datasheet
322Kb / 16P
   LED Light Bars
More results

Mô tả tương tự - HLMP-2550

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
QT Optoelectronics
HLMP-2300 QT-HLMP-2300 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLCP-A100 AVAGO-HLCP-A100 Datasheet
338Kb / 16P
   LED Light Bars
HLMP2300 AVAGO-HLMP2300 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP2550 EVERLIGHT-HLMP2550 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2965 AVAGO-HLMP-2965 Datasheet
322Kb / 16P
   LED Light Bars
logo
Fairchild Semiconductor
HLMP-2B85 FAIRCHILD-HLMP-2B85 Datasheet
216Kb / 6P
   LED LIGHT BARS
logo
Kingbright Corporation
KB2835 KINGBRIGHT-KB2835 Datasheet
424Kb / 6P
   LED LIGHT BARS
logo
Fairchild Semiconductor
HLMP2755 FAIRCHILD-HLMP2755 Datasheet
770Kb / 6P
   LED LIGHT BARS
logo
Siemens Semiconductor G...
OLB2600 SIEMENS-OLB2600 Datasheet
44Kb / 1P
   LIGHT BARS
OLB2685 SIEMENS-OLB2685 Datasheet
210Kb / 5P
   LIGHT BARS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com