công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D048C033T015M1N bảng dữ liệu(PDF) 6 Page - Vicor Corporation

tên linh kiện D048C033T015M1N
Giải thích chi tiết về linh kiện  DC-DC Converters Quarter Brick, 48 Vin Family
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VICOR [Vicor Corporation]
Trang chủ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

D048C033T015M1N bảng dữ liệu(HTML) 6 Page - Vicor Corporation

Back Button D048C033T015M1N Datasheet HTML 2Page - Vicor Corporation D048C033T015M1N Datasheet HTML 3Page - Vicor Corporation D048C033T015M1N Datasheet HTML 4Page - Vicor Corporation D048C033T015M1N Datasheet HTML 5Page - Vicor Corporation D048C033T015M1N Datasheet HTML 6Page - Vicor Corporation D048C033T015M1N Datasheet HTML 7Page - Vicor Corporation D048C033T015M1N Datasheet HTML 8Page - Vicor Corporation D048C033T015M1N Datasheet HTML 9Page - Vicor Corporation D048C033T015M1N Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PRELIMINARY
Vicor Corporation
Tel: 800-735-6200
VICBrick DC-DC Converter
Rev. 1.5
Page 6 of 14
vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Isolation voltage
Complies with basic insulation requirements
Input to output
2,250
Vdc
Isolation resistance
10
M
Input to output
Agency approvals (pending)
cTÜVus
UL/CSA 60950, EN 60950
CE Mark
Low voltage directive
SAFETY SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Operating case temperature
-40
100
°C
Measured at output side of VTM
Storage temperature
-40
+150
°C
Temperature limiting
125
130
135
°C
Junction temperature, PRM or VTM
Thermal capacity
22.8
Ws/°C
Pin soldering temperature
Wave
500 (260)
°F (°C)
<5 sec
Hand
750 (390)
°F (°C)
<7 sec
THERMAL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
MTBF
MIL-HDBK-217F
1,500
khrs
25°C, GB
Weight
3.7 (104)
oz (g)
Dimensions
2.28 x 1.45 x 0.27
in
L x W x H
57,9 x 36,8 x 6,8
mm
L x W x H
GENERAL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Disable voltage (P version)
– 0.6
1.7
Vdc
Referenced to –in
Enable voltage (P version)
2.8
6.2
Vdc
Referenced to –in
Enable voltage (M version)
– 0.6
0.7
Vdc
Referenced to –in
Disable voltage (M version)
1.8
6.2
Vdc
Referenced to –in
CONTROL SPECIFICATIONS – ON/OFF PIN
Specifications, continued


Số phần tương tự - D048C033T015M1N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Powerbox
D048C033T010M1N POWERBOX-D048C033T010M1N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C033T010M2N POWERBOX-D048C033T010M2N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C033T012M1N POWERBOX-D048C033T012M1N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C033T012M2N POWERBOX-D048C033T012M2N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
D048C033T014M1N POWERBOX-D048C033T014M1N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
More results

Mô tả tương tự - D048C033T015M1N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vicor Corporation
I048C030T015P2 VICOR-I048C030T015P2 Datasheet
312Kb / 8P
   Intermediate Bus Converters Quarter-Brick, 48 Vin Family
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Power Solutions ...
HPQ-12 MURATA-PS-HPQ-12 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Manufacturing Co...
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ_SERIES MURATA-HPQ_SERIES Datasheet
269Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ MURATA-HPQ Datasheet
1Mb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com