công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

42LN5200 bảng dữ liệu(PDF) 25 Page - LG Semicon Co.,Ltd.

tên linh kiện 42LN5200
Giải thích chi tiết về linh kiện  LG LED TV applies LCD screen with LED backlights.
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LG [LG Semicon Co.,Ltd.]
Trang chủ  
Logo LG - LG Semicon Co.,Ltd.

42LN5200 bảng dữ liệu(HTML) 25 Page - LG Semicon Co.,Ltd.

Back Button 42LN5200 Datasheet HTML 21Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 22Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 23Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 24Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 25Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 26Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 27Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 28Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 29Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
25
REMOTE CONTROL
FLASHBK
AUDIO
REMOTE CONTROL
The descriptions in this manual are based on the buttons on the remote control.
Please read this manual carefully and use the TV correctly. To install batteries,
open the battery cover, replace batteries (1.5 V AAA) matching the
and
ends to the label inside the compartment, and close the battery cover. Failure to match the correct
polarities of the battery may cause the battery to burst or leak, resulting in fire, personal injury, or
ambient pollution. To remove the batteries, perform the installation actions in reverse.
y
y Do not mix old and new batteries, as this may damage the remote control.
CAUTION
This remote uses infrared light. When in use, it should be pointed in the direction of the TV’s remote
sensor.
(POWER)
Turns the TV on or off.
TV
Returns to the last TV channel.
CAPTION
Activates or deactivates the subtitles.
AV MODE
Selects an AV mode.
RATIO
Resizes an image.
INPUT
Changes the input source. Turns the TV on if it is off.
VOL
Adjusts the volume level.
FAV
Accesses your favorite channel list.
AUDIO
Digital signal: Changes the audio language.
Analog signal: Changes the MTS sound.
MUTE
Mutes all sounds.
CH
Scrolls through the saved channels.
PAGE
Moves to the previous or next screen.
Number button
Enters numbers.
- (Dash)
Inserts a dash between numbers such as 2-1 and 2-2.
LIST
Accesses the saved channel list.
FLASHBK
Alternates between the two last channels selected (pressing
repeatedly).


Số phần tương tự - 42LN5200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
42LX196 TOSHIBA-42LX196 Datasheet
422Kb / 10P
   Service Material and Reference Tips
7/6/2007
42LZ196 TOSHIBA-42LZ196 Datasheet
422Kb / 10P
   Service Material and Reference Tips
7/6/2007
More results

Mô tả tương tự - 42LN5200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Monolithic Power System...
MP4603 MPS-MP4603 Datasheet
515Kb / 18P
   White LED Driver for Large LCD TV Backlights
logo
List of Unclassifed Man...
BR02XXX ETC2-BR02XXX Datasheet
476Kb / 3P
   LED Backlights
logo
Fairchild Semiconductor
FCP190N65F FAIRCHILD-FCP190N65F Datasheet
1Mb / 9P
   LCD / LED / PDP TV
logo
Analog Devices
ADM8845 AD-ADM8845_15 Datasheet
321Kb / 20P
   Charge Pump Driver for LCD White LED Backlights
REV. C
ADM8845 AD-ADM8845_V01 Datasheet
509Kb / 18P
   Charge Pump Driver for LCD White LED Backlights
Rev. D
ADM8845 AD-ADM8845 Datasheet
382Kb / 20P
   Charge Pump Driver for LCD White LED Backlights
REV. 0
logo
Banner Engineering Corp...
LEDIB70X70M BANNER-LEDIB70X70M Datasheet
162Kb / 3P
   LED..B..M Series Backlights
LEDIB70X70W BANNER-LEDIB70X70W Datasheet
159Kb / 3P
   LED..B..W Series Backlights
LED BANNER-LED Datasheet
355Kb / 5P
   LED Series Sealed Backlights
logo
LG Semicon Co.,Ltd.
47LV5500 LG-47LV5500 Datasheet
523Kb / 2P
   47" Class 1080p LED LCD TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com