công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

42LN5200 bảng dữ liệu(PDF) 6 Page - LG Semicon Co.,Ltd.

tên linh kiện 42LN5200
Giải thích chi tiết về linh kiện  LG LED TV applies LCD screen with LED backlights.
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LG [LG Semicon Co.,Ltd.]
Trang chủ  
Logo LG - LG Semicon Co.,Ltd.

42LN5200 bảng dữ liệu(HTML) 6 Page - LG Semicon Co.,Ltd.

Back Button 42LN5200 Datasheet HTML 2Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 3Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 4Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 5Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 6Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 7Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 8Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 9Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 10Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
IMPORTANT SAFETY INSTRUCTIONS
For USA and Canada
FCC NOTICE
This equipment has been tested and found to comply with the limits for a Class B digital device,
pursuant to Part 15 of the FCC Rules. These limits are designed to provide reasonable protection
against harmful interference in a residential installation. This equipment generates, uses and can
radiate radio frequency energy and, if not installed and used in accordance with the instructions,
may cause harmful interference to radio communications. However, there is no guarantee
that interference will not occur in a particular installation. If this equipment does cause harmful
interference to radio or television reception, which can be determined by turning the equipment off
and on, the user is encouraged to try to correct the interference by one or more of the following
measures:
- Reorient or relocate the receiving antenna.
- Increase the separation between the equipment and the receiver.
- Connect the equipment to an outlet on a circuit different from that to which the receiver is
connected.
- Consult the dealer or an experienced radio/TV technician for help.
This device complies with part 15 of the FCC Rules. Operation is subject to the following two
conditions: (1) this device may not cause harmful interference and (2) this device must accept any
interference received, including interference that may cause undesired operation of the device.
Any changes or modifications in construction of this device which are not expressly approved by
the party responsible for compliance could void the user’s authority to operate the equipment.
NOTE TO CABLE/TV INSTALLER
This reminder is provided to call the CATV system installer’s attention to Article 820-40 of the
National Electric Code (U.S.A.). The code provides guidelines for proper grounding and, in particular,
specifies that the cable ground shall be connected to the grounding system of the building, as close
to the point of the cable entry as practical.
Additional information of the manual
Viewing the owner’s manual
The owner’s manual in PDF file format is supplied on the enclosed CD. Install the Adobe Acrobat
Reader to view the owner’s manual on your PC.
1 Insert the supplied CD. The web page appears automatically.
2 Click Owner’s Manual on the web page.
3 View the owner’s manual.
y
y If the web page does not appear automatically, access My computer and then click LG and index.
html to view the owner’s manual.
NOTE


Số phần tương tự - 42LN5200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
42LX196 TOSHIBA-42LX196 Datasheet
422Kb / 10P
   Service Material and Reference Tips
7/6/2007
42LZ196 TOSHIBA-42LZ196 Datasheet
422Kb / 10P
   Service Material and Reference Tips
7/6/2007
More results

Mô tả tương tự - 42LN5200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Monolithic Power System...
MP4603 MPS-MP4603 Datasheet
515Kb / 18P
   White LED Driver for Large LCD TV Backlights
logo
List of Unclassifed Man...
BR02XXX ETC2-BR02XXX Datasheet
476Kb / 3P
   LED Backlights
logo
Fairchild Semiconductor
FCP190N65F FAIRCHILD-FCP190N65F Datasheet
1Mb / 9P
   LCD / LED / PDP TV
logo
Analog Devices
ADM8845 AD-ADM8845_15 Datasheet
321Kb / 20P
   Charge Pump Driver for LCD White LED Backlights
REV. C
ADM8845 AD-ADM8845_V01 Datasheet
509Kb / 18P
   Charge Pump Driver for LCD White LED Backlights
Rev. D
ADM8845 AD-ADM8845 Datasheet
382Kb / 20P
   Charge Pump Driver for LCD White LED Backlights
REV. 0
logo
Banner Engineering Corp...
LEDIB70X70M BANNER-LEDIB70X70M Datasheet
162Kb / 3P
   LED..B..M Series Backlights
LEDIB70X70W BANNER-LEDIB70X70W Datasheet
159Kb / 3P
   LED..B..W Series Backlights
LED BANNER-LED Datasheet
355Kb / 5P
   LED Series Sealed Backlights
logo
LG Semicon Co.,Ltd.
47LV5500 LG-47LV5500 Datasheet
523Kb / 2P
   47" Class 1080p LED LCD TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com