công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UMSB30B bảng dữ liệu(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

tên linh kiện UMSB30B
Giải thích chi tiết về linh kiện  3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Trang chủ  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

UMSB30B bảng dữ liệu(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  UMSB30B Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UMSB30B Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UMSB30B Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UMSB30B THRU UMSB30M UMSB
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
RECTIFIER Reverse Voltage - 100 to 1000 V
Forward Current
– 3.0A
FEATURES
Fast reverse recovery time
Designed for Surface Mount Application
Glass Passivated Chip Junction
Low power loss, high efficiency
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: UMSB
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.234g / 0.00825oz
1.Input pin(-)
2.Input pin(+)
3.Output Anode(~)
4.Output Cathode(~)
UMSB
Maximum Ratings and Electrical characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
Parameter
Symbols
UMSB30B
UMSB30D UMSB30G UMSB30J UMSB30K UMSB30M
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Average Rectified Output Current at Tc = 125 °C
Io
3.0
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load(JEDEC
method)
IFSM
80
A
Forward Voltage per element at 3.0A
VF
1.0
1.4
1.6
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@
TA=25°C
IR
5.0
μA
@
TA=125°C
100
Typical Junction Capacitance
Note1
Cj
50
pF
Maximum Reverse Recovery Time
Note2
TRR
50
75
nS
Typical Thermal Resistance
Note3
RθJA
40
°C/W
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
°C
(1)Measured at 1 MHz and applied reverse voltage of 4 V D.C
(2)Mounted on glass epoxy PC board with 4×1.5"×1.5"(3.81×3.81 cm) copper pad.


Số phần tương tự - UMSB30B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DONGGUAN YOU FENG WEI E...
UMSB40B YFWDIODE-UMSB40B Datasheet
460Kb / 3P
   4.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
SHIKUES Electronics
UMSB40B SKTECHNOLGY-UMSB40B Datasheet
333Kb / 3P
   4A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
UMSB40D YFWDIODE-UMSB40D Datasheet
460Kb / 3P
   4.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
SHIKUES Electronics
UMSB40D SKTECHNOLGY-UMSB40D Datasheet
333Kb / 3P
   4A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
UMSB40G YFWDIODE-UMSB40G Datasheet
460Kb / 3P
   4.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results

Mô tả tương tự - UMSB30B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DONGGUAN YOU FENG WEI E...
DB302S YFWDIODE-DB302S Datasheet
440Kb / 3P
   3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
Diodes Incorporated
MSB30KH DIODES-MSB30KH Datasheet
506Kb / 5P
   3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DB301S ZSELEC-DB301S Datasheet
73Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
MSB30M DIODES-MSB30M Datasheet
607Kb / 5P
   3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDBF31 DIODES-RDBF31 Datasheet
581Kb / 5P
   3.0A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
FMSB30B YFWDIODE-FMSB30B_V01 Datasheet
381Kb / 3P
   3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage
logo
Daya Electric Group Co....
S3A DAYA-S3A Datasheet
54Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S3G-13-F DIODES-S3G-13-F Datasheet
133Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S3GB-13-F DIODES-S3GB-13-F Datasheet
248Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S3JB-13-F DIODES-S3JB-13-F Datasheet
133Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com