công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS5A3160DCKRE4 bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
TS5A3160DCKRE4 bảng dữ liệu(HTML) 8 Page - Texas Instruments |
8 / 24 page www.ti.com Electrical Characteristics for 2.5-V Supply (1) TS5A3160 1- Ω SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER SCDS216 – OCTOBER 2005 V + = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, VNC, 0 V+ V range VNO Switch ON, 25 °C 1.8 2.5 Peak ON 0 ≤ (V NO or VNC) ≤ V+, rpeak 2.3 V Ω See Figure 13 resistance ICOM = –8 mA, Full 2.7 25 °C 1.5 2 ON-state VNO or VNC = 1.8 V, Switch ON, ron 2.3 V Ω resistance ICOM = –8 mA, See Figure 13 Full 2.4 ON-state 25 °C 0.15 0.2 resistance VNO or VNC = 1.8 V, Switch ON, match ∆r on 2.3 V Ω ICOM = –8 mA, See Figure 13 Full 0.2 between channels 0 ≤ (V NO or VNC) ≤ V+, Switch ON, 25 °C 2.6 ON-state ICOM = –8 mA, See Figure 13 resistance ron(flat) 2.3 V Ω 25 °C 0.6 1 VNO or VNC = 0.8 V, 1.8 V, Switch ON, flatness ICOM = –8 mA, See Figure 13 Full 1 VNC or VNO = 0.5 V, 25 °C –20 2 20 VCOM = 2.2 V, INC(OFF), Switch OFF, or 2.3 V nA NC, NO INO(OFF) See Figure 14 Full –50 50 VNC or VNO = 2.2 V, OFF leakage VCOM = 0.5 V, current 25 °C –1 0.1 1 INC(PWROFF), VNC or VNO = 0 to 2.7 V, Switch OFF, 0 V µA INO(PWROFF) VCOM = 2.7 V to 0, See Figure 14 Full –10 10 VNC or VNO = 0.5 V, 25 °C –10 2 10 NC, NO VCOM = Open, INC(ON), Switch ON, ON leakage or 2.7 V nA INO(ON) See Figure 15 Full –20 20 current VNC or VNO = 2.2 V, VCOM = Open, COM 25 °C –1 0.1 1 VCOM = 0 to 2.7 V, Switch OFF, OFF leakage ICOM(PWROFF) 0 V µA VNC or VNO = 2.7 V to 0, See Figure 14 Full –10 10 current VCOM = 0.5 V, 25 °C –10 2 10 COM VNC or VNO = Open, Switch ON, ON leakage ICOM(ON) or 2.7 V nA See Figure 15 Full –20 20 current VCOM = 2.2 V, VNC or VNO = Open, Digital Control Input (IN)(2) Input logic high VIH Full 1.8 5.5 V Input logic low VIL Full 0 0.6 V 25 °C –2 2 Input leakage IIH, IIL VI = 5.5 V or 0 2.7 V nA current Full –20 20 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 8 |
Số phần tương tự - TS5A3160DCKRE4 |
|
Mô tả tương tự - TS5A3160DCKRE4 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |