công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

I2040CF-08TT bảng dữ liệu(PDF) 1 Page - Alliance Semiconductor Corporation

tên linh kiện I2040CF-08TT
Giải thích chi tiết về linh kiện  LCD Panel EMI Reduction IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALSC [Alliance Semiconductor Corporation]
Trang chủ  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

I2040CF-08TT bảng dữ liệu(HTML) 1 Page - Alliance Semiconductor Corporation

  I2040CF-08TT Datasheet HTML 1Page - Alliance Semiconductor Corporation I2040CF-08TT Datasheet HTML 2Page - Alliance Semiconductor Corporation I2040CF-08TT Datasheet HTML 3Page - Alliance Semiconductor Corporation I2040CF-08TT Datasheet HTML 4Page - Alliance Semiconductor Corporation I2040CF-08TT Datasheet HTML 5Page - Alliance Semiconductor Corporation I2040CF-08TT Datasheet HTML 6Page - Alliance Semiconductor Corporation I2040CF-08TT Datasheet HTML 7Page - Alliance Semiconductor Corporation I2040CF-08TT Datasheet HTML 8Page - Alliance Semiconductor Corporation I2040CF-08TT Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
September 2005
P2040C
rev 1.4
Notice: The information in this document is subject to change without notice.
Alliance Semiconductor
2575 Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
LCD Panel EMI Reduction IC
Features
FCC approved method of EMI attenuation.
Provides up to 15dB of EMI suppression
Generates a low EMI spread spectrum clock of the
input frequency
50MHz to 170MHz input frequency range
Optimized for 54MHz, 65MHz, 81MHz, 140MHz,
and 162MHz pixel clock frequencies
Internal loop filter minimizes external components
and board space
8 selectable spread ranges, up to ± 2.2%
SSON# control pin for spread spectrum enable and
disable options
2 selectable modulation rates
Low Cycle-to-cycle jitter
3.3V Operating Voltage
Ultra low power CMOS design
Supports most mobile graphic accelerator and LCD
timing controller specifications
Available in 8 pin SOIC and TSSOP Packages
Product Description
The P2040C is a selectable spread spectrum frequency
modulator designed specifically for digital flat panel
applications.
The
P2040C
reduces
electromagnetic
interference (EMI) at the clock source which provides
system wide reduction of EMI of all clock dependent
signals. The P2040C allows significant system cost
savings by reducing the number of circuit board layers and
shielding that are traditionally required to pass EMI
regulations.
The P2040C uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented in a proprietary all-digital method. The
P2040C modulates the output of a single PLL in order to
“spread” the bandwidth of a synthesized clock and, more
importantly, decreases the peak amplitudes of its
harmonics. This result in a significantly lower system EMI
compared to the typical narrow band signal produced by
oscillators and most frequency generators. Lowering EMI
by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation’.
Applications
The P2040C is targeted towards digital flat panel
applications for Notebook PCs, Palm-size PCs, Office
Automation Equipments and LCD Monitors.
Block Diagram
CLKIN
ModOUT
VSS
Frequency
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
PLL
VDD
SSON#
SR0 SR1 MRA


Số phần tương tự - I2040CF-08TT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PulseCore Semiconductor
I2040CF-08TT PULSECORE-I2040CF-08TT Datasheet
160Kb / 9P
   LCD Panel EMI Reduction IC
More results

Mô tả tương tự - I2040CF-08TT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PulseCore Semiconductor
P2040B PULSECORE-P2040B Datasheet
331Kb / 8P
   LCD Panel EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
   LCD Panel EMI Reduction IC
P2042A ALSC-P2042A Datasheet
353Kb / 8P
   LCD Panel EMI Reduction IC
P2040A ALSC-P2040A Datasheet
354Kb / 9P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
PCS3P2042B ONSEMI-PCS3P2042B Datasheet
146Kb / 7P
   LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2182A PULSECORE-ASM3P2182A Datasheet
369Kb / 8P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P2042A ONSEMI-P2042A Datasheet
76Kb / 5P
   LCD Panel EMI Reduction IC
June, 2015 ??Rev. 6
logo
Alliance Semiconductor ...
ASM3P2184A ALSC-ASM3P2184A Datasheet
356Kb / 9P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P3P2043B ONSEMI-P3P2043B_12 Datasheet
120Kb / 5P
   LCD Panel EMI Reduction IC
July, 2012 ??Rev. 0
ASM3P2182A ONSEMI-ASM3P2182A_11 Datasheet
124Kb / 6P
   LCD Panel EMI Reduction IC
August, 2011 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com