công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS745-Q1 bảng dữ liệu(PDF) 27 Page - Texas Instruments

tên linh kiện TPS745-Q1
Giải thích chi tiết về linh kiện  TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TPS745-Q1 bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button TPS745-Q1_V06 Datasheet HTML 23Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 24Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 25Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 26Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 27Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 28Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 29Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 30Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
I
=
OUT(t)
C
OUT
OUT
´ dV
(t)
dt
V
OUT(t)
R
LOAD
+
TPS745-Q1
EN
IN
OUT
VIN
VOUT
CIN
COUT
RPG*
PG
*Pull-up resistor not required
for push-pull option
27
TPS745-Q1
www.ti.com
SBVS355A – JUNE 2019 – REVISED OCTOBER 2019
Product Folder Links: TPS745-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.2 Typical Application
Figure 62. TPS745-Q1 Typical Application
8.2.1 Design Requirements
Table 3 summarizes the design requirements for Figure 62.
Table 3. Design Parameters
PARAMETER
DESIGN REQUIREMENT
Input voltage
3.3 V
Output voltage
1.8 V, ±1%
Input current
300 mA, maximum
Output load
300-mA DC
Maximum ambient temperature
105°C
8.2.2 Detailed Design Procedure
Input and output capacitors are required to achieve the output voltage transient requirements. Capacitance
values of 2.2 µF are selected to give the maximum output capacitance in a small, low-cost package; see the
Input and Output Capacitor Selection section for details.
8.2.2.1 Input Current
During normal operation, the input current to the LDO is approximately equal to the output current of the LDO.
During start-up, the input current is higher as a result of the inrush current charging the output capacitor. Use
Equation 6 to calculate the current through the input.
where:
VOUT(t) is the instantaneous output voltage of the turn-on ramp
dVOUT(t) / dt is the slope of the VOUT ramp
RLOAD is the resistive load impedance
(6)


Số phần tương tự - TPS745-Q1_V06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS745-Q1 TI1-TPS745-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS745-Q1 TI1-TPS745-Q1_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V03 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V04 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V05 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
More results

Mô tả tương tự - TPS745-Q1_V06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS745-Q1 TI1-TPS745-Q1_V04 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V03 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V05 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI-TPS745-Q1_V07 Datasheet
4Mb / 44P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS745-Q1 TI1-TPS745-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS746-Q1 TI1-TPS746-Q1_V01 Datasheet
3Mb / 41P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI-TPS746-Q1_V03 Datasheet
3Mb / 45P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI-TPS746-Q1_V04 Datasheet
4Mb / 44P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com