công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS7A02 bảng dữ liệu(PDF) 15 Page - Texas Instruments

tên linh kiện TPS7A02
Giải thích chi tiết về linh kiện  TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TPS7A02 bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button TPS7A02_V06 Datasheet HTML 11Page - Texas Instruments TPS7A02_V06 Datasheet HTML 12Page - Texas Instruments TPS7A02_V06 Datasheet HTML 13Page - Texas Instruments TPS7A02_V06 Datasheet HTML 14Page - Texas Instruments TPS7A02_V06 Datasheet HTML 15Page - Texas Instruments TPS7A02_V06 Datasheet HTML 16Page - Texas Instruments TPS7A02_V06 Datasheet HTML 17Page - Texas Instruments TPS7A02_V06 Datasheet HTML 18Page - Texas Instruments TPS7A02_V06 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
Frequency (Hz)
0.05
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
10
100
1k
10k
100k
1M
10M
VOUT
1.8 V, RMS Noise = 269.5 PVRMS
5.0 V, RMS Noise = 710 PVRMS
Frequency (Hz)
0.05
0.05
0.1
0.2
0.3
0.5
1
2
3
5
10
20
30
50
10
100
1k
10k
100k
1M
10M
IOUT
100 PA, RMS Noise = 117.5 PVRMS
1 mA, RMS Noise = 269.5 PVRMS
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
D001
VIN
2.3 V
2.8 V
3.8 V
4.8 V
6.0 V
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
D001
VIN
2.8 V
3.8 V
4.8 V
6.0 V
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
D001
VIN
2.3 V
2.8 V
3.8 V
4.8 V
6.0 V
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
IOUT
0 mA
1 mA
10 mA
20 mA
100 mA
200 mA
15
TPS7A02
www.ti.com
SBVS277B – JULY 2019 – REVISED MARCH 2020
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(nom) + 0.5 V or 2.0 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and CIN = COUT = 1 µF (unless otherwise noted)
VIN = 2.8 V, VOUT = 1.8 V, COUT = 1 µF
Figure 43. PSRR vs Frequency and IOUT
VOUT = 1.8 V, IOUT = 20 mA, COUT = 1 µF
Figure 44. PSRR vs Frequency and VIN
VOUT = 1.8 V, IOUT = 100 mA, COUT = 1 µF
Figure 45. PSRR vs Frequency and VIN
VOUT = 1.8 V, IOUT = 200 mA, COUT = 1 µF
Figure 46. PSRR vs Frequency and VIN
VIN = VOUT+ 1.0 V, IOUT = 1 mA, COUT = 1 µF
Figure 47. Output Noise vs Frequency and VOUT
VOUT = 1.8 V, VIN = 2.8 V, COUT = 1 µF
Figure 48. Output Noise vs Frequency and IOUT


Số phần tương tự - TPS7A02_V06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS7A02 TI1-TPS7A02_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V02 Datasheet
1Mb / 26P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V03 Datasheet
3Mb / 41P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V04 Datasheet
3Mb / 42P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V05 Datasheet
3Mb / 42P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
More results

Mô tả tương tự - TPS7A02_V06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS7A02 TI-TPS7A02_V08 Datasheet
3Mb / 43P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V04 Datasheet
3Mb / 42P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI-TPS7A02_V11 Datasheet
3Mb / 47P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
MARCH 2020
TPS7A02 TI-TPS7A02_V07 Datasheet
3Mb / 43P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI-TPS7A02_V09 Datasheet
3Mb / 43P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V03 Datasheet
3Mb / 41P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V02 Datasheet
1Mb / 26P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V05 Datasheet
3Mb / 42P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com