công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS7A02 bảng dữ liệu(PDF) 41 Page - Texas Instruments

tên linh kiện TPS7A02
Giải thích chi tiết về linh kiện  TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TPS7A02 bảng dữ liệu(HTML) 41 Page - Texas Instruments

Back Button TPS7A02_V06 Datasheet HTML 35Page - Texas Instruments TPS7A02_V06 Datasheet HTML 36Page - Texas Instruments TPS7A02_V06 Datasheet HTML 37Page - Texas Instruments TPS7A02_V06 Datasheet HTML 38Page - Texas Instruments TPS7A02_V06 Datasheet HTML 39Page - Texas Instruments TPS7A02_V06 Datasheet HTML 40Page - Texas Instruments TPS7A02_V06 Datasheet HTML 41Page - Texas Instruments TPS7A02_V06 Datasheet HTML 42Page - Texas Instruments TPS7A02_V06 Datasheet HTML 43Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
EXAMPLE BOARD LAYOUT
DQN0004A
X2SON - 0.4 mm max height
PLASTIC SMALL OUTLINE - NO LEAD
4215302/E 12/2016
NOTES: (continued)
7.
This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271)
.
8.
If any vias are implemented, it is recommended that vias under paste be filled, plugged or tented.
www.ti.com
SOLDER MASK
DEFINED
SOLDER MASK DETAIL
0.05 MIN
ALL AROUND
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
LAND PATTERN EXAMPLE
SCALE: 40X
SYMM
SYMM
1
2
3
4
4X (0.21)
4X (0.36)
(0.65)
(0.86)
(
0.48)
SEE DETAIL
4X (0.18)
(0.22) TYP
EXPOSED METAL
CLEARANCE
4X
(0.03)
EXPOSED METAL
5


Số phần tương tự - TPS7A02_V06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS7A02 TI1-TPS7A02_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V02 Datasheet
1Mb / 26P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V03 Datasheet
3Mb / 41P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V04 Datasheet
3Mb / 42P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V05 Datasheet
3Mb / 42P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
More results

Mô tả tương tự - TPS7A02_V06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS7A02 TI-TPS7A02_V08 Datasheet
3Mb / 43P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V04 Datasheet
3Mb / 42P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI-TPS7A02_V11 Datasheet
3Mb / 47P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
MARCH 2020
TPS7A02 TI-TPS7A02_V07 Datasheet
3Mb / 43P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI-TPS7A02_V09 Datasheet
3Mb / 43P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V03 Datasheet
3Mb / 41P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V02 Datasheet
1Mb / 26P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V05 Datasheet
3Mb / 42P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com