công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMUX1308 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
TMUX1308 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 42 page Pin Functions TMUX1308 PIN TYPE(1) DESCRIPTION(2) NAME NO. S4 1 I/O Source pin 4. Signal path can be an input or output. S6 2 I/O Source pin 6. Signal path can be an input or output. D 3 I/O Drain pin (common). Signal path can be an input or output. S7 4 I/O Source pin 7. Signal path can be an input or output. S5 5 I/O Source pin 5. Signal path can be an input or output. EN 6 I Active low logic input. When this pin is high, all switches are turned off. When this pin is low, the A[2:0] address inputs determine which switch is turned on as shown in Table 8-1. N.C. 7 Not Connected Not Connected. GND 8 P Ground (0 V) reference A2 9 I Address line 2. Controls the switch configuration as shown in Table 8-1. A1 10 I Address line 1. Controls the switch configuration as shown in Table 8-1. A0 11 I Address line 0. Controls the switch configuration as shown in Table 8-1. S3 12 I/O Source pin 3. Signal path can be an input or output. S0 13 I/O Source pin 0. Signal path can be an input or output. S1 14 I/O Source pin 1. Signal path can be an input or output. S2 15 I/O Source pin 2. Signal path can be an input or output. VDD 16 P Positive power supply. This pin is the most positive power-supply potential. For reliable operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND. Thermal pad — Not Connected Exposed thermal pad. No requirement to solder this pad, if connected it should be left floating or tied to GND. (1) I = input, O = output, I/O = input and output, P = power. (2) Refer to Section 8.3.6 for what to do with unused pins. TMUX1308, TMUX1309 SCDS426C – MARCH 2020 – REVISED AUGUST 2020 www.ti.com 4 Submit Document Feedback Copyright © 2020 Texas Instruments Incorporated Product Folder Links: TMUX1308 TMUX1309 |
Số phần tương tự - TMUX1308_V01 |
|
Mô tả tương tự - TMUX1308_V01 |