công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMUX1208-Q1 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMUX1208-Q1
Giải thích chi tiết về linh kiện  TMUX1208-Q1 5-V Bidirectional 8:1 Multiplexer with 1.8-V Logic
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMUX1208-Q1 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TMUX1208-Q1 Datasheet HTML 1Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 2Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 3Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 4Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 5Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 6Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 7Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 8Page - Texas Instruments TMUX1208-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TMUX1208-Q1 5-V Bidirectional 8:1 Multiplexer with 1.8-V Logic
1 Features
• AEC-Q100 Qualified for Automotive Applications
– Temperature Grade 1: –40°C to 125°C, TA
• Low On-resistance: 5 Ω
• Wide Supply Range: 1.08 V to 5.5 V
• Rail to Rail Operation
• Bidirectional Signal Path
• 1.8 V Logic Compatible
• Fail-Safe Logic
• Low Supply Current: 10 nA
• Transition Time: 14 ns
• Break-before-make Switching
• ESD Protection HBM: 2000 V
• Small QFN Package
2 Applications
• Analog and Digital Multiplexing / Demultiplexing
• Automotive Head Unit
• Telematics Control Unit
• Emergency Call (eCall)
• Infotainment
• Body Control Modules (BCM)
• Body Electronics and Lighting
• Battery Management Systems (BMS)
• HVAC Controller Module
• ADAS Domain Controller
3 Description
The TMUX1208-Q1 is a general purpose
complementary metal-oxide semiconductor (CMOS)
multiplexer (MUX). The TMUX1208-Q1 is an 8:1 mux
configuration allowing 8 different signal paths to be
switched to a common output pin . Wide operating
supply of 1.08 V to 5.5 V allows for use in automotive
applications with varying power supply requirements.
The device supports bidirectional analog and digital
signals on the source (Sx) and drain (D) pins ranging
from GND to VDD.
The TMUX1208-Q1 comes in a small QFN package to
enable reduced system size requirements. The device
has low on-resistance of 5Ω typical to minimize the
impact of distortion and signal integrity issues when
the device is not connected to a high impedance
signal path.
All logic inputs have 1.8 V logic compatible
thresholds, ensuring both TTL and CMOS logic
compatibility when operating in the valid supply
voltage range. Fail-Safe Logic circuitry allows
voltages on the control pins to be applied before the
supply pin, protecting the device from potential
damage.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
TMUX1208-Q1
QFN (16)
2.60 mm x 1.80 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
SPACER
System Inputs &
Sensors
LDO #1
D
S1
S2
S3
S4
S5
S6
S7
S8
Integrated
12-bit ADC
A0
A1
A2
EN
MCU
LDO #2
LM20
Analog Temp.
Sensor
LM20
Analog Temp.
Sensor
GND
VDD
VDD
VDD
VI/O
1.8V Logic
I/O
LM20
Analog Temp.
Sensor
LDO #3
RAM
FLASH
Port I/O
TIMERS
Application Example
TMUX120 8-Q1
A0
A1
A2
EN
S1
D
S2
S3
S4
S5
S6
S7
S8
1-OF-8
DECODER
TMUX1208-Q1 Block Diagram
www.ti.com
TMUX1208-Q1
SCDS415A – AUGUST 2019 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TMUX1208-Q1
TMUX1208-Q1
SCDS415A – AUGUST 2019 – REVISED JULY 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - TMUX1208-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMUX1208 TI1-TMUX1208 Datasheet
546Kb / 25P
[Old version datasheet]   5-V General Purpose, Analog Multiplexer
TMUX1208 TI1-TMUX1208 Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
TMUX1208PWR TI1-TMUX1208PWR Datasheet
546Kb / 25P
[Old version datasheet]   5-V General Purpose, Analog Multiplexer
TMUX1208PWR TI1-TMUX1208PWR Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
TMUX1208RSVR TI1-TMUX1208RSVR Datasheet
546Kb / 25P
[Old version datasheet]   5-V General Purpose, Analog Multiplexer
More results

Mô tả tương tự - TMUX1208-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMUX1208 TI1-TMUX1208_18 Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
TMUX6208 TI-TMUX6208 Datasheet
861Kb / 23P
[Old version datasheet]   TMUX6208 36-V, Low-Ron, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX7208 TI-TMUX7208 Datasheet
2Mb / 42P
[Old version datasheet]   TMUX7208 44-V, Latch-Up Immune, 8:1 Precision Multiplexer with 1.8-V Logic
TMUX4051-Q1 TI-TMUX4051-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051-Q1 TI-TMUX4051-Q1_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051-Q1 TI-TMUX4051-Q1_V02 Datasheet
1Mb / 31P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
TMUX4051-Q1 TI1-TMUX4051-Q1_V03 Datasheet
1Mb / 31P
[Old version datasheet]   TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
SN3257-Q1 TI1-SN3257-Q1_V01 Datasheet
674Kb / 31P
[Old version datasheet]   SN3257-Q1 5-V, Low Propagation Delay, 2:1 (SPDT), 4-Channel Switch with 1.8 V Logic
TMUX6219-Q1 TI-TMUX6219-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TMUX6219-Q1 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX7219-Q1 TI-TMUX7219-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMUX7219-Q1 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com