công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV7031 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện TLV7031
Giải thích chi tiết về linh kiện  TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLV7031 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TLV7031_V02 Datasheet HTML 5Page - Texas Instruments TLV7031_V02 Datasheet HTML 6Page - Texas Instruments TLV7031_V02 Datasheet HTML 7Page - Texas Instruments TLV7031_V02 Datasheet HTML 8Page - Texas Instruments TLV7031_V02 Datasheet HTML 9Page - Texas Instruments TLV7031_V02 Datasheet HTML 10Page - Texas Instruments TLV7031_V02 Datasheet HTML 11Page - Texas Instruments TLV7031_V02 Datasheet HTML 12Page - Texas Instruments TLV7031_V02 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
9
TLV7031, TLV7032, TLV7041, TLV7042, TLV7034, TLV7044
www.ti.com
SLVSE13F – SEPTEMBER 2017 – REVISED JUNE 2020
Product Folder Links: TLV7031 TLV7032 TLV7041 TLV7042 TLV7034 TLV7044
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
6.7 Electrical Characteristics (Single)
VS = 1.8 V to 5 V, VCM = VS / 2; minimum and maximum values are at TA = –40°C to +125°C (unless otherwise noted).
Typical values are at TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input Offset Voltage
VS = 1.8 V and 5 V, VCM = VS / 2
±0.1
±8
mV
VHYS
Hysteresis
VS = 1.8 V and 5 V, VCM = VS / 2,
TA = 25°C
2
7
17
mV
VCM
Common-mode voltage range
VEE
VCC + 0.1
V
IB
Input bias current
2
pA
IOS
Input offset current
1
pA
VOH
Output voltage high
(for TLV7031 only)
VS = 5 V, VEE = 0 V, IO = 3 mA
4.65
4.8
V
VOL
Output voltage low
VS = 5 V, VEE = 0 V, IO = 3 mA
250
350
mV
ILKG
Open-drain output leakage
current (TLV7041 only)
VS = 5 V, VID = +0.1 V (output high),
VPULLUP = VCC
100
pA
CMRR
Common-mode rejection ratio
VEE < VCM < VCC, VS = 5 V
73
dB
PSRR
Power supply rejection ratio
VS = 1.8 V to 5 V, VCM = VS / 2
77
dB
ISC
Short-circuit current
VS = 5 V, sourcing
29
mA
VS = 5 V, sinking
33
ICC
Supply current
VS = 1.8 V, no load, VID = –0.1 V (Output
Low)
335
900
nA
6.8 Switching Characteristics (Single)
Typical values are at TA = 25°C, VS = 5 V, VCM = VS / 2; CL = 15 pF, input overdrive = 100 mV (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Propagation delay time, high to-
low (RP = 2.5 kΩ TLV7041
only)
Midpoint of input to midpoint of output,
VOD = 100 mV
3
µs
tPLH
Propagation delay time, low-to high
(RP = 2.5 kΩ TLV7041
only)
Midpoint of input to midpoint of output,
VOD = 100 mV
3
µs
tR
Rise time (TLV7031 only)
Measured from 10% to 90%
4.5
ns
tF
Fall time
Measured from 10% to 90%
4.5
ns
tON
Power-up time
During power on, VCC must exceed 1.6V for
200 µs before the output will reflect the input.
200
µs


Số phần tương tự - TLV7031_V02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TLV7031 TI1-TLV7031_V01 Datasheet
1Mb / 45P
[Old version datasheet]   TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
TLV7031 TI-TLV7031_V03 Datasheet
2Mb / 51P
[Old version datasheet]   TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
TLV7031 TI-TLV7031_V04 Datasheet
4Mb / 60P
[Old version datasheet]   TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
More results

Mô tả tương tự - TLV7031_V02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TLV7031 TI-TLV7031_V04 Datasheet
4Mb / 60P
[Old version datasheet]   TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
TLV7031 TI1-TLV7031_V01 Datasheet
1Mb / 45P
[Old version datasheet]   TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
TLV7031_1904 TI1-TLV7031_1904 Datasheet
1Mb / 45P
[Old version datasheet]   TLV703x and TLV704x Small Size, Nanopower, Low-Voltage Comparators
TLV7031 TI-TLV7031_V03 Datasheet
2Mb / 51P
[Old version datasheet]   TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
TLV7031 TI1-TLV7031_18 Datasheet
1Mb / 34P
[Old version datasheet]   Small Size, nanoPower, Low-Voltage Comparators
TLV7031 TI1-TLV7031_19 Datasheet
1Mb / 42P
[Old version datasheet]   Small Size, Nanopower, Low-Voltage Comparators
TLV7031-Q1 TI1-TLV7031-Q1_V03 Datasheet
1Mb / 46P
[Old version datasheet]   TLV703x-Q1 and TLV704x-Q1 Rail-to-Rail, Low-Power Comparators
REVISED FEBRUARY 2023
TLV7031-Q1 TI-TLV7031-Q1_V01 Datasheet
2Mb / 40P
[Old version datasheet]   TLV703x-Q1 and TLV704x-Q1 Rail-to-Rail, Low-Power Comparators
TLV7031-Q1 TI-TLV7031-Q1_V02 Datasheet
2Mb / 42P
[Old version datasheet]   TLV703x-Q1 and TLV704x-Q1 Rail-to-Rail, Low-Power Comparators
REVISED OCTOBER 2021
TLV7011 TI-TLV7011_V04 Datasheet
2Mb / 44P
[Old version datasheet]   TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com