công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV803E bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện TLV803E
Giải thích chi tiết về linh kiện  TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLV803E bảng dữ liệu(HTML) 5 Page - Texas Instruments

  TLV803E_V05 Datasheet HTML 1Page - Texas Instruments TLV803E_V05 Datasheet HTML 2Page - Texas Instruments TLV803E_V05 Datasheet HTML 3Page - Texas Instruments TLV803E_V05 Datasheet HTML 4Page - Texas Instruments TLV803E_V05 Datasheet HTML 5Page - Texas Instruments TLV803E_V05 Datasheet HTML 6Page - Texas Instruments TLV803E_V05 Datasheet HTML 7Page - Texas Instruments TLV803E_V05 Datasheet HTML 8Page - Texas Instruments TLV803E_V05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
TLV803E, TLV809E, TLV810E
www.ti.com
SLVSES2F – AUGUST 2018 – REVISED JUNE 2020
Product Folder Links: TLV803E TLV809E TLV810E
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Condition. Exposure to absolute-maximum-rated conditions (above the Recommended Operating Conditions) for extended
periods may affect device reliability.
(2)
The absolute maximum rating is (VDD + 0.3) V or 6.5 V, whichever is smaller.
(3)
As a result of the low dissipated power in this device, the junction temperature is assumed to be equal to the ambient temperature.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range, unless otherwise noted
(1)
MIN
MAX
UNIT
Voltage
VDD pin
–0.3
6.5
V
RESET (TLV809E), RESET (TLV810E)
–0.3
VDD + 0.3
(2)
V
RESET (TLV803E)
–0.3
6.5
V
Voltage
MR
–0.3
VDD + 0.3
(2)
V
Current
Output sink and source current
-20
20
mA
Temperature(3)
Operating ambient, TA
–40
125
°C
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-
001(1)
± 2000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101(2)
± 500
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Input supply voltage
1.7
6
V
VRESET, VRESET
RESET pin and RESET pin voltage
0
6
V
IRESET, IRESET
RESET pin and RESET pin current
0
±5
mA
TJ
Junction temperature (free air temperature)
–40
125
°C
VMR
Manual reset pin voltage
0
VDD
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TLV803E, TLV809E, TLV810E
UNIT
DPW (X2SON)
DCK (SC70-3)
DBZ (SOT23-3)
5 PINS
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
457.1
300.5
254.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
201.6
178.2
150.5
°C/W
RθJB
Junction-to-board thermal resistance
320.4
166.5
140.1
°C/W
ψJT
Junction-to-top characterization parameter
22.8
70
48.1
°C/W
ψJB
Junction-to-board characterization parameter
318.8
165.2
139.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W


Số phần tương tự - TLV803E_V05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TLV803E TI1-TLV803E_V01 Datasheet
928Kb / 29P
[Old version datasheet]   Low Power 3-Pin Supply Voltage Supervisors
TLV803E TI1-TLV803E_V02 Datasheet
1Mb / 34P
[Old version datasheet]   TLV8xxE, Low Power 250-nA IQ Supply Voltage Supervisors
TLV803E TI1-TLV803E_V03 Datasheet
1Mb / 38P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
TLV803E TI1-TLV803E_V04 Datasheet
2Mb / 44P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
TLV803E TI-TLV803E_V06 Datasheet
2Mb / 48P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
More results

Mô tả tương tự - TLV803E_V05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TLV803E TI-TLV803E_V09 Datasheet
2Mb / 49P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
REVISED MAY 2021
TLV803E TI-TLV803E_V07 Datasheet
2Mb / 48P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
TLV803E TI1-TLV803E_V03 Datasheet
1Mb / 38P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
TLV803E TI1-TLV803E_V04 Datasheet
2Mb / 44P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
TLV803E TI-TLV803E_V10 Datasheet
2Mb / 49P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
REVISED MAY 2021
TLV803E TI-TLV803E_V06 Datasheet
2Mb / 48P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
TLV803E TI-TLV803E_V08 Datasheet
2Mb / 48P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
MAY 2021
TLV803E TI1-TLV803E_V02 Datasheet
1Mb / 34P
[Old version datasheet]   TLV8xxE, Low Power 250-nA IQ Supply Voltage Supervisors
logo
ON Semiconductor
CAT8801 ONSEMI-CAT8801 Datasheet
115Kb / 7P
   200 nA Microprocessor Power Supply Supervisors Ultra Low 200 nA Supply Current
May, 2010 ??Rev. 4
logo
Texas Instruments
TPS3801-01 TI-TPS3801-01 Datasheet
218Kb / 11P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com