công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74HCS594 bảng dữ liệu(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74HCS594
Giải thích chi tiết về linh kiện  SN74HCS594 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS594 bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button SN74HCS594 Datasheet HTML 8Page - Texas Instruments SN74HCS594 Datasheet HTML 9Page - Texas Instruments SN74HCS594 Datasheet HTML 10Page - Texas Instruments SN74HCS594 Datasheet HTML 11Page - Texas Instruments SN74HCS594 Datasheet HTML 12Page - Texas Instruments SN74HCS594 Datasheet HTML 13Page - Texas Instruments SN74HCS594 Datasheet HTML 14Page - Texas Instruments SN74HCS594 Datasheet HTML 15Page - Texas Instruments SN74HCS594 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
8.4 Device Functional Modes
Function Table lists the functional modes of the SN74HCS594.
Table 8-1. Function Table
INPUTS(1)
FUNCTION
SER
SRCLK SRCLR
RCLK
RCLR
X
X
X
X
L
Shift register is cleared.
X
X
L
X
X
Shift register is cleared.
L
H
X
X
H
H
X
X
First stage of the shift register goes low.
Other stages store the data of previous stage,
respectively.
X
X
H
X
First stage of the shift register goes low.
Other stages store the data of previous stage,
respectively.
X
H
X
First stage of the shift register goes high.
Other stages store the data of previous stage,
respectively.
(1)
H = High Voltage Level, L = Low Voltage Level, X = Don't Care
SN74HCS594
SCLS839 – AUGUST 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: SN74HCS594


Số phần tương tự - SN74HCS594

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74HCS594 TI-SN74HCS594 Datasheet
1Mb / 27P
[Old version datasheet]   SN74HCS594 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS594 TI-SN74HCS594 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS594 TI-SN74HCS594 Datasheet
2Mb / 35P
[Old version datasheet]   SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS594 TI-SN74HCS594 Datasheet
2Mb / 35P
[Old version datasheet]   SN74HCS594 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS594 TI-SN74HCS594 Datasheet
3Mb / 38P
[Old version datasheet]   SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
DECEMBER 2021
More results

Mô tả tương tự - SN74HCS594

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74HCS594 TI-SN74HCS594_V01 Datasheet
1Mb / 27P
[Old version datasheet]   SN74HCS594 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS594 TI-SN74HCS594_V02 Datasheet
2Mb / 35P
[Old version datasheet]   SN74HCS594 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS594-Q1 TI1-SN74HCS594-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS594-Q1 TI-SN74HCS594-Q1_V02 Datasheet
2Mb / 35P
[Old version datasheet]   SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS594-Q1 TI-SN74HCS594-Q1_V03 Datasheet
3Mb / 38P
[Old version datasheet]   SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
DECEMBER 2021
SN74HCS594-Q1 TI-SN74HCS594-Q1_V01 Datasheet
2Mb / 32P
[Old version datasheet]   SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS595 TI-SN74HCS595 Datasheet
1Mb / 26P
[Old version datasheet]   SN74HCS595 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS596 TI-SN74HCS596 Datasheet
1Mb / 27P
[Old version datasheet]   SN74HCS596 8-Bit Shift Register With Schmitt-Trigger Inputs and Open-Drain Output Registers
SN74HCS595 TI-SN74HCS595_V01 Datasheet
2Mb / 34P
[Old version datasheet]   SN74HCS595 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS596-Q1 TI1-SN74HCS596-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   SN74HCS596-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Opendrain Output Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com