công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74HCS165-Q1 bảng dữ liệu(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74HCS165-Q1
Giải thích chi tiết về linh kiện  SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS165-Q1 bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button SN74HCS165-Q1 Datasheet HTML 12Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 13Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 14Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 15Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 16Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 17Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 18Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 19Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in the
Recommended Operating Conditions. Each VCC terminal should have a good bypass capacitor to prevent power
disturbance. A 0.1-μF capacitor is recommended for this device. It is acceptable to parallel multiple bypass caps
to reject different frequencies of noise. The 0.1-μF and 1-μF capacitors are commonly used in parallel. The
bypass capacitor should be installed as close to the power terminal as possible for best results, as shown in
given example layout image.
11 Layout
11.1 Layout Guidelines
When using multiple-input and multiple-channel logic devices inputs must not ever be left floating. In many
cases, functions or parts of functions of digital logic devices are unused; for example, when only two inputs of a
triple-input AND gate are used or only 3 of the 4 buffer gates are used. Such unused input pins must not be left
unconnected because the undefined voltages at the outside connections result in undefined operational states.
All unused inputs of digital logic devices must be connected to a logic high or logic low voltage, as defined by the
input voltage specifications, to prevent them from floating. The logic level that must be applied to any particular
unused input depends on the function of the device. Generally, the inputs are tied to GND or VCC, whichever
makes more sense for the logic function or is more convenient.
11.2 Layout Example
1
2
3
4
5
6
7
16
15
14
13
12
11
10
SH/LD
CLK
F
G
GND
VCC
CLK INH
D
B
A
SER
GND
VCC
C
E
0.1
F
Bypass capacitor
placed close to the
device
Avoid 90°
corners for
signal lines
Recommend GND flood fill for
improved signal isolation, noise
reduction, and thermal dissipation
Unused input
tied to VCC
QH
QH
8
9
H
Unused output
left floating
Figure 11-1. Example layout for the SN74HCS165-Q1 in the PW package.
SN74HCS165-Q1
SCLS826 – AUGUST 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: SN74HCS165-Q1


Số phần tương tự - SN74HCS165-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   SN74HCS165 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
2Mb / 31P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SN74HCS165 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
2Mb / 37P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
DECEMBER 2021
More results

Mô tả tương tự - SN74HCS165-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74HCS165-Q1 TI-SN74HCS165-Q1_V02 Datasheet
2Mb / 34P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1_V03 Datasheet
2Mb / 37P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
DECEMBER 2021
SN74HCS165-Q1 TI-SN74HCS165-Q1_V01 Datasheet
2Mb / 31P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165 TI-SN74HCS165 Datasheet
1Mb / 26P
[Old version datasheet]   SN74HCS165 8-Bit Parallel-Load Shift Registers
SN74HCS165 TI-SN74HCS165_V01 Datasheet
2Mb / 35P
[Old version datasheet]   SN74HCS165 8-Bit Parallel-Load Shift Registers
SN74HCT165-Q1 TI-SN74HCT165-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   SN74HCT165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SCLS882 ??OCTOBER 2021
SN74LV8T165-Q1 TI1-SN74LV8T165-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   SN74LV8T165-Q1 Automotive Parallel-Load 8-Bit Shift Registers
AUGUST 2023
SN74LV8T165-Q1 TI1-SN74LV8T165-Q1_V01 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LV8T165-Q1 Automotive Parallel-Load 8-Bit Shift Registers
REVISED NOVEMBER 2023
SN74LV165A-Q1 TI-SN74LV165A-Q1_V01 Datasheet
1Mb / 27P
[Old version datasheet]   SN74LV165A-Q1 Automotive Parallel-Load 8-Bit Shift Registers
REVISED DECEMBER 2022
SN74LV165A-Q1 TI-SN74LV165A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   SN74LV165A-Q1 Automotive Parallel-Load 8-Bit Shift Registers
JULY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com