công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74HCS165-Q1 bảng dữ liệu(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74HCS165-Q1
Giải thích chi tiết về linh kiện  SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS165-Q1 bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button SN74HCS165-Q1 Datasheet HTML 11Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 12Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 13Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 14Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 15Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 16Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 17Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 18Page - Texas Instruments SN74HCS165-Q1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
9.2.2 Detailed Design Procedure
1. Add a decoupling capacitor from VCC to GND. The capacitor needs to be placed physically close to the
device and electrically close to both the VCC and GND pins. An example layout is shown in the Layout
section.
2. Ensure the capacitive load at the output is ≤ 50 pF. This is not a hard limit, however it will ensure optimal
performance. This can be accomplished by providing short, appropriately sized traces from the
SN74HCS165-Q1 to the receiving device(s).
3. Ensure the resistive load at the output is larger than (VCC / IO(max)) Ω. This will ensure that the maximum
output current from the Absolute Maximum Ratings is not violated. Most CMOS inputs have a resistive load
measured in megaohms; much larger than the minimum calculated above.
4. Thermal issues are rarely a concern for logic gates, however the power consumption and thermal increase
can be calculated using the steps provided in the application report, CMOS Power Consumption and Cpd
Calculation.
9.2.3 Application Curve
QH
CLK
SH/LD
DATA[7:0]
0x00
0x11
0x00
Figure 9-2. Application timing diagram
www.ti.com
SN74HCS165-Q1
SCLS826 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: SN74HCS165-Q1


Số phần tương tự - SN74HCS165-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   SN74HCS165 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
2Mb / 31P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SN74HCS165 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1 Datasheet
2Mb / 37P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
DECEMBER 2021
More results

Mô tả tương tự - SN74HCS165-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74HCS165-Q1 TI-SN74HCS165-Q1_V02 Datasheet
2Mb / 34P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165-Q1 TI-SN74HCS165-Q1_V03 Datasheet
2Mb / 37P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
DECEMBER 2021
SN74HCS165-Q1 TI-SN74HCS165-Q1_V01 Datasheet
2Mb / 31P
[Old version datasheet]   SN74HCS165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SN74HCS165 TI-SN74HCS165 Datasheet
1Mb / 26P
[Old version datasheet]   SN74HCS165 8-Bit Parallel-Load Shift Registers
SN74HCS165 TI-SN74HCS165_V01 Datasheet
2Mb / 35P
[Old version datasheet]   SN74HCS165 8-Bit Parallel-Load Shift Registers
SN74HCT165-Q1 TI-SN74HCT165-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   SN74HCT165-Q1 Automotive 8-Bit Parallel-Load Shift Registers
SCLS882 ??OCTOBER 2021
SN74LV8T165-Q1 TI1-SN74LV8T165-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   SN74LV8T165-Q1 Automotive Parallel-Load 8-Bit Shift Registers
AUGUST 2023
SN74LV8T165-Q1 TI1-SN74LV8T165-Q1_V01 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LV8T165-Q1 Automotive Parallel-Load 8-Bit Shift Registers
REVISED NOVEMBER 2023
SN74LV165A-Q1 TI-SN74LV165A-Q1_V01 Datasheet
1Mb / 27P
[Old version datasheet]   SN74LV165A-Q1 Automotive Parallel-Load 8-Bit Shift Registers
REVISED DECEMBER 2022
SN74LV165A-Q1 TI-SN74LV165A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   SN74LV165A-Q1 Automotive Parallel-Load 8-Bit Shift Registers
JULY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com