công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AVC24T245 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện SN74AVC24T245
Giải thích chi tiết về linh kiện  24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC24T245 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN74AVC24T245_V01 Datasheet HTML 1Page - Texas Instruments SN74AVC24T245_V01 Datasheet HTML 2Page - Texas Instruments SN74AVC24T245_V01 Datasheet HTML 3Page - Texas Instruments SN74AVC24T245_V01 Datasheet HTML 4Page - Texas Instruments SN74AVC24T245_V01 Datasheet HTML 5Page - Texas Instruments SN74AVC24T245_V01 Datasheet HTML 6Page - Texas Instruments SN74AVC24T245_V01 Datasheet HTML 7Page - Texas Instruments SN74AVC24T245_V01 Datasheet HTML 8Page - Texas Instruments SN74AVC24T245_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-
State Outputs
1 Features
• Control Inputs VIH/VIL Levels Are Referenced to
VCCA Voltage
• VCC Isolation Feature – If Either VCC Input Is at
GND, All Outputs Are in the High-Impedance State
• Overvoltage-Tolerant Inputs/Outputs Allow Mixed-
Voltage-Mode Data Communications
• Fully Configurable Dual-Rail Design Allows Each
Port to Operate Over Full 1.2-V to 3.6-V Power-
Supply Range
• Ioff Supports Partial-Power-Down Mode Operation
• I/Os Are 4.6-V Tolerant
• Max Data Rates
– 380 Mbps (1.8-V to 3.3-V Translation)
– 200 Mbps (<1.8-V to 3.3-V Translation)
– 200 Mbps (Translate to 2.5 V or 1.8 V)
– 150 Mbps (Translate to 1.5 V)
– 100 Mbps (Translate to 1.2 V)
• Latch-Up Performance Exceeds 100 mA Per JESD
78, Class II
• ESD Protection Exceeds JESD 22
– 8000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
2 Applications
• Personal Electronics
• Industrial
• Enterprise
• Telecom
3 Description
This 24-bit noninverting bus transceiver uses two
separate configurable power-supply rails. The
SN74AVC24T245 is optimized to operate with VCCA/
VCCB set at 1.4 V to 3.6 V. It is operational with
VCCA/VCCB as low as 1.2 V. The A port is designed to
track VCCA. VCCA accepts any supply voltage from 1.2
V to 3.6 V. The B port is designed to track VCCB. VCCB
accepts any supply voltage from 1.2 V to 3.6 V. This
allows for universal low-voltage bidirectional
translation between any of the 1.2-V, 1.5-V, 1.8-V, 2.5-
V, and 3.3-V voltage nodes.
The SN74AVC24T245 is designed for asynchronous
communication between data buses. The device
transmits data from the A bus to the B bus or from the
B bus to the A bus, depending on the logic level at the
direction-control (DIR) input. The output-enable ( OE)
input can be used to disable the outputs so the buses
are effectively isolated.
The SN74AVC24T245 is designed so that the control
pins (1DIR, 2DIR, 3DIR, 4DIR, 5DIR, 6DIR, 1 OE, 2
OE, 3 OE, 4 OE, 5 OE, and 6 OE) are supplied by
VCCA.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.
The VCC isolation feature ensures that if either VCC
input is at GND, then both ports are in the high-
impedance state.
To ensure the high-impedance state during power up
or power down, OE should be tied to VCCA through a
pullup resistor; the minimum value of the resistor is
determined by the current-sinking capability of the
driver.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74AVC24T245GRG/ZRG LFBGA
10.00 mm × 4.50
mm
SN74AVC24T245NMU
nFBGA
10.00 mm × 4.50
mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
To Three Other Channels
1DIR
1A1
1B1
1OE
To Three Other Channels
2DIR
2A1
2B1
2OE
P6
B6
P5
D6
A6
B1
A5
D1
To Three Other Channels
3DIR
3A1
3B1
3OE
To Three Other Channels
4DIR
4A1
4B1
4OE
P4
F6
P3
H6
A4
F1
A3
H1
To Three Other Channels
5DIR
5A1
5B1
5OE
To Three Other Channels
6DIR
6A1
6B1
6OE
P2
K6
P1
M6
A2
K1
A1
M1
Figure 3-1. Logic Diagram
www.ti.com
SN74AVC24T245
SCES552E – FEBRUARY 2004 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
SN74AVC24T245
SCES552E – FEBRUARY 2004 – REVISED AUGUST 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - SN74AVC24T245_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AVC24T245GRGR TI-SN74AVC24T245GRGR Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245GRGR TI-SN74AVC24T245GRGR Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245GRGR TI1-SN74AVC24T245GRGR Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245ZRGR TI-SN74AVC24T245ZRGR Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245ZRGR TI-SN74AVC24T245ZRGR Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Mô tả tương tự - SN74AVC24T245_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AVCH24T245 TI-SN74AVCH24T245 Datasheet
347Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
AVCE6467T-2 TI1-AVCE6467T-2 Datasheet
366Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI1-SN74AVC24T245 Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245_06 Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH24T245 TI-SN74AVCH24T245_V01 Datasheet
1Mb / 27P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com