công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RM48L940 bảng dữ liệu(PDF) 74 Page - Texas Instruments

tên linh kiện RM48L940
Giải thích chi tiết về linh kiện  RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

RM48L940 bảng dữ liệu(HTML) 74 Page - Texas Instruments

Back Button RM48L940_V01 Datasheet HTML 70Page - Texas Instruments RM48L940_V01 Datasheet HTML 71Page - Texas Instruments RM48L940_V01 Datasheet HTML 72Page - Texas Instruments RM48L940_V01 Datasheet HTML 73Page - Texas Instruments RM48L940_V01 Datasheet HTML 74Page - Texas Instruments RM48L940_V01 Datasheet HTML 75Page - Texas Instruments RM48L940_V01 Datasheet HTML 76Page - Texas Instruments RM48L940_V01 Datasheet HTML 77Page - Texas Instruments RM48L940_V01 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 174 page
background image
RM48L940, RM48L740, RM48L540
SPNS175C – APRIL 2012 – REVISED JUNE 2015
www.ti.com
6.9.2
Memory Map Table
Table 6-20. Device Memory Map
FRAME ADDRESS RANGE
RESPONSE FOR ACCESS TO
FRAME CHIP
FRAME
ACTUAL
MODULE NAME
UNIMPLEMENTED LOCATIONS IN
SELECT
SIZE
SIZE
START
END
FRAME
MEMORIES TIGHTLY COUPLED TO THE ARM CORTEX-R4F CPU
TCM Flash
CS0
0x00000000
0x00FFFFFF
16MB
3MB(1)
TCM RAM + RAM
CSRAM0
0x08000000
0x0BFFFFFF
64MB
256KB(2)
Abort
ECC
Mirrored Flash
Flash mirror frame
0x20000000
0x20FFFFFF
16MB
3MB(1)
EXTERNAL MEMORY ACCESSES
EMIF Chip Select 2
EMIF select 2
0x60000000
0x63FFFFFF
64MB
16MB
(asynchronous)
EMIF Chip Select 3
EMIF select 3
0x64000000
0x67FFFFFF
64MB
16MB
(asynchronous)
Access to "Reserved" space will generate
Abort
EMIF Chip Select 4
EMIF select 4
0x68000000
0x6BFFFFFF
64MB
16MB
(asynchronous)
EMIF Chip Select 0
EMIF select 0
0x80000000
0x87FFFFFF
128MB
128MB
(synchronous)
FLASH MODULE BUS2 INTERFACE
Customer OTP,
0xF0000000
0xF0001FFF
8KB
4KB
TCM Flash Bank 0
Customer OTP,
0xF0002000
0xF0003FFF
8KB
4KB
TCM Flash Bank 1
Customer OTP,
0xF000E000
0xF000FFFF
8KB
2KB
EEPROM Bank 7
Customer
OTP–ECC, TCM
0xF0040000
0xF00403FF
1KB
512B
Flash Bank 0
Customer
OTP–ECC, TCM
0xF0040400
0xF00407FF
1KB
512B
Flash Bank 1
Customer
OTP–ECC,
0xF0041C00
0xF0041FFF
1KB
256B
EEPROM Bank 7
TI OTP, TCM Flash
0xF0080000
0xF0081FFF
8KB
4KB
Bank 0
Abort
TI OTP, TCM Flash
0xF0082000
0xF0083FFF
8KB
4KB
Bank 1
TI OTP, EEPROM
0xF008E000
0xF008FFFF
8KB
2KB
Bank 7
TI OTP–ECC, TCM
0xF00C0000
0xF00C03FF
1KB
512B
Flash Bank 0
TI OTP–ECC, TCM
0xF00C0400
0xF00C07FF
1KB
512B
Flash Bank 1
TI OTP–ECC,
0xF00C1C00
0xF00C1FFF
1KB
256B
EEPROM Bank 7
EEPROM
0xF0100000
0xF013FFFF
256KB
8KB
Bank–ECC
EEPROM Bank
0xF0200000
0xF03FFFFF
2MB
64KB
Flash Data Space
0xF0400000
0xF04FFFFF
1MB
384KB
ECC
ETHERNET AND EMIF SLAVE INTERFACES
CPPI Memory Slave
0xFC520000
0xFC521FFF
8KB
8KB
Abort
(Ethernet RAM)
EMAC Slave
0xFCF78000
0xFCF787FF
2KB
2KB
No error
(Ethernet Slave)
EMACSS Wrapper
0xFCF78800
0xFCF788FF
256B
256B
No error
(Ethernet Wrapper)
(1)
The RM48L740 and RM48L540 devices only have 2MB of Flash
(2)
The RM48L540 device has only 192KB of RAM.
74
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback


Số phần tương tự - RM48L940_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
RM48L940DPGET TI1-RM48L940DPGET Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L940DZWTT TI1-RM48L940DZWTT Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L940PGET TI1-RM48L940PGET Datasheet
2Mb / 152P
[Old version datasheet]   RM48Lx40 16/32-Bit RISC Flash Microcontroller
RM48L940ZWTT TI1-RM48L940ZWTT Datasheet
2Mb / 152P
[Old version datasheet]   RM48Lx40 16/32-Bit RISC Flash Microcontroller
RM48L940 TI1-RM48L940_15 Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
More results

Mô tả tương tự - RM48L940_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
RM48L940 TI1-RM48L940_15 Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L940 TI1-RM48L940 Datasheet
2Mb / 152P
[Old version datasheet]   RM48Lx40 16/32-Bit RISC Flash Microcontroller
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com